công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

T89C51RC2-3CSIM bảng dữ liệu(PDF) 82 Page - ATMEL Corporation

tên linh kiện T89C51RC2-3CSIM
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RC2-3CSIM bảng dữ liệu(HTML) 82 Page - ATMEL Corporation

Back Button T89C51RC2-3CSIM Datasheet HTML 78Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 79Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 80Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 81Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 82Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 83Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 84Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 85Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 117 page
background image
82
T89C51RB2/RC2
4105D–8051–10/06
Ports 1, 2 and 3: 15 mA
Maximum total IOL for all output pins: 71 mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than
the listed test conditions.
7. For other values, please contact your sales office.
DC Parameters for Low Voltage
TA = 0
°C to +70°C; V
SS = 0V; VCC = 2.7V to 3.3V; F = 0 to 20 MHz.
TA = -40
°C to +85°C; V
SS = 0V; VCC = 2.7V to 3.3V; F = 0 to 20 MHz.
Note:
1. Operating ICC is measured with all output pins disconnected; XTALA1 driven with TCLCH, TCHCL = 5 ns (see Figure 36.), VIL =
VSS + 0.5 V,
VIH = VCC - 0.5V; XTAL2 N. C. ; EA = RST = Port 0 = VCC. ICC would be slightly higher if a crystal oscillator used.
2. Idle ICC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns, VIL = VSS + 0.5 V, VIH = VCC -
0.5V; XTAL2 N. C; Port 0 = VCC; EA = RST = VSS (see Figure 33).
3. Power Down ICC is measured with all output pins disconnected; EA = VSS, PORT 0 = VCC; XTAL2 NC. ; RST = VSS
4. Capacitance loading on Ports 0 and 2 may cause spurious noise pulses to be superimposed on the V
OLs of ALE and Ports 1
and 3.The noise is due to external bus capacitance discharging into the Port 0 and Port 2 pins when these pins make 1 to 0
transitions during bus operation. In the worst cases (capacitive loading 100pF), the noise pulse on the ALE line may exceed
0.45V with maxi VOL peak 0.6V. A Schmitt Trigger use is not necessary.
5. Typicals are based on a limited number of samples and are not guaranteed. The values listed are at room temperature and
5V.
6. Under steady state (non-transient) conditions, I
OL must be externally limited as follows:
Maximum I
OL per port pin: 10 mA
Maximum IOL per 8-bit port:
Port 0: 26 mA
Ports 1, 2 and 3: 15 mA
Maximum total IOL for all output pins: 71 mA
If I
OL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test conditions.
Table 58. DC Parameters for Low Voltage
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
V
IL
Input Low Voltage
-0.5
0.2 V
CC - 0.1
V
V
IH
Input High Voltage except RST, XTAL1
0.2 V
CC + 0.9
V
CC + 0.5
V
V
IH1
Input High Voltage, RST, XTAL1
0.7 V
CC
V
CC + 0.5
V
V
OL
Output Low Voltage, ports 1, 2, 3, 4 and 5 (6)
0.45
V
I
OL = 0.8 mA
(4)
V
OL1
Output Low Voltage, port 0, ALE, PSEN (6)
0.45
V
I
OL = 1.6 mA
(4)
V
OH
Output High Voltage, ports 1, 2, 3, 4 and 5
0.9 V
CC
VI
OH = -10 μA
V
OH1
Output High Voltage, port 0, ALE, PSEN
0.9 V
CC
VI
OH = -40 μA
I
IL
Logical 0 Input Current ports 1, 2, 3
-50
μA
Vin = 0.45 V
I
LI
Input Leakage Current
±10
μA
0.45V < Vin < V
CC
I
TL
Logical 1 to 0 Transition Current, ports 1, 2, 3,
-650
μA
Vin = 2.0 V
R
RST
RST Pulldown Resistor
50
90 (5)
200
k
Ω
CIO
Capacitance of I/O Buffer
10
pF
Fc = 1 MHz
TA = 25
°C
IPD
Power Down Current
10 (5)
50
μAV
CC = 2.5V to 3.5 V
(3)
ICC
Power Supply Current (7)
TBD
mA
mA
VCC = 3.3 V
(1)
VCC = 3.3 V
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com