công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

T89C51RC2-3CSIM bảng dữ liệu(PDF) 70 Page - ATMEL Corporation

tên linh kiện T89C51RC2-3CSIM
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RC2-3CSIM bảng dữ liệu(HTML) 70 Page - ATMEL Corporation

Back Button T89C51RC2-3CSIM Datasheet HTML 66Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 67Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 68Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 69Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 70Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 71Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 72Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 73Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 117 page
background image
70
T89C51RB2/RC2
4105D–8051–10/06
Reset Value= 0001 0100b
Not bit addressable
Serial Peripheral Status Register
(SPSTA)
The Serial Peripheral Status Register contains flags to signal the following conditions:
•
Data transfer complete
•
Write collision
•
Inconsistent logic level on SS pin (mode fault error)
Table 48 describes the SPSTA register and explains the use of every bit in the register.
Table 48. SPSTA Register
SPSTA - Serial Peripheral Status and Control register (0C4H)
2
SPR1
SPR2
SPR1
SPR0 Serial Peripheral Rate
00
0
F
CLK PERIPH /2
00
1
F
CLK PERIPH /4
01
0
F
CLK PERIPH /8
01
1
F
CLK PERIPH /16
10
0
F
CLK PERIPH /32
10
1
F
CLK PERIPH /64
11
0
F
CLK PERIPH /128
1
1
1
Invalid
1
SPR0
Bit Number
Bit Mnemonic
Description
76
54
32
1
0
SPIF
WCOL
-
MODF
-
-
-
-
Bit
Number
Bit
Mnemonic Description
7
SPIF
Serial Peripheral data transfer flag
Cleared by hardware to indicate data transfer is in progress or has been
approved by a clearing sequence.
Set by hardware to indicate that the data transfer has been completed.
6WCOL
Write Collision flag
Cleared by hardware to indicate that no collision has occurred or has been
approved by a clearing sequence.
Set by hardware to indicate that a collision has been detected.
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4MODF
Mode Fault
Cleared by hardware to indicate that the SS pin is at appropriate logic level, or
has been approved by a clearing sequence.
Set by hardware to indicate that the SS pin is at inappropriate logic level.
3-
Reserved
The value read from this bit is indeterminate. Do not set this bit
2-
Reserved
The value read from this bit is indeterminate. Do not set this bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com