công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

T89C51RC2-3CSIM bảng dữ liệu(PDF) 94 Page - ATMEL Corporation

tên linh kiện T89C51RC2-3CSIM
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RC2-3CSIM bảng dữ liệu(HTML) 94 Page - ATMEL Corporation

Back Button T89C51RC2-3CSIM Datasheet HTML 90Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 91Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 92Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 93Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 94Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 95Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 96Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 97Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 98Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 117 page
background image
94
T89C51RB2/RC2
4105D–8051–10/06
Flash EEPROM
Memory
The Flash memory increases EPROM and ROM functionality with in-circuit electrical
erasure and programming. It contains 16K or 32K bytes of program memory organized
respectively in 128 or 256 pages of 128 bytes. This memory is both parallel and serial
In-System Programmable (ISP). ISP allows devices to alter their own program memory
in the actual end product under software control. A default serial loader (bootloader) pro-
gram allows ISP of the Flash.
The programming does not require 12V external programming voltage. The necessary
high programming voltage is generated on-chip using the standard VCC pins of the
microcontroller.
Features
•Flash E
2PROM internal program memory.
•
Boot vector allows user provided Flash loader code to reside anywhere in the Flash
memory space. This configuration provides flexibility to the user.
•
Default loader in Boot ROM allows programming via the serial port without the need
of a user provided loader.
•
Up to 64K byte external program memory if the internal program memory is disabled
(EA = 0).
•
Programming and erase voltage with standard 5V or 3V VCC supply.
•
Read/Programming/Erase:
•
Byte-wise read without wait state
•
Byte or page erase and programming (10 ms)
•
Typical programming time (32K bytes) in 10s
•
Parallel programming with 87C51 compatible hardware interface to programmer
•
Programmable security for the code in the Flash
•
10k write cycles
•
10 years data retention
Flash Programming and
Erasure
The 16K or 32K bytes Flash is programmed by bytes or by pages of 128 bytes. It is not
necessary to erase a byte or a page before programming. The programming of a byte or
a page includes a self erase before programming.
There are three methods of programming the Flash memory:
•
First, the on-chip ISP bootloader may be invoked which will use low level routines to
program the pages. The interface used for serial downloading of Flash is the UART.
•
Second, the Flash may be programmed or erased in the end-user application by
calling low-level routines through a common entry point in the Boot ROM.
•
Third, the Flash may be programmed using the parallel method by using a
conventional EPROM programmer. The parallel programming method used by
these devices is similar to that used by EPROM 87C51 but it is not identical and the
commercially available programmers need to have support for the
T89C51RB2/RC2. The bootloader and the Application Programming Interface (API)
routines are located in the BOOT ROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com