công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

T89C51RC2-3CSIM bảng dữ liệu(PDF) 101 Page - ATMEL Corporation

tên linh kiện T89C51RC2-3CSIM
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RC2-3CSIM bảng dữ liệu(HTML) 101 Page - ATMEL Corporation

Back Button T89C51RC2-3CSIM Datasheet HTML 97Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 98Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 99Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 100Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 101Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 102Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 103Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 104Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 105Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 117 page
background image
101
T89C51RB2/RC2
4105D–8051–10/06
In-System Programming
(ISP)
The In-System Programming (ISP) is performed without removing the microcontroller
from the system. The ISP facility consists of a series of internal hardware resources
coupled with internal firmware to facilitate remote programming of theT89C51RB2/RC2
through the serial port.
The Atmel ISP facility has made in-circuit programming in an embedded application
possible with a minimum of additional expense in components and circuit board area.
The ISP function through UART uses four pins: TxD, RxD, V
SS, VCC. Only a small con-
nector needs to be available to interface the application to an external circuit in order to
use this feature.
Using In-System
Programming (ISP)
The ISP feature allows a wide range of baud rates in the user application. It is also
adaptable to a wide range of oscillator frequencies. This is accomplished by measuring
the bit-time of a single bit in a received character. This information is then used to pro-
gram the baud rate in terms of timer counts based on the oscillator frequency. The ISP
f eature requi res that an i n i ti a l c harac te r (an upperc a s e U) be sent t o t h e
T89C51RB2/RC2 to establish the baud rate. The ISP firmware provides auto-echo of
received characters.
Once baud rate initialization has been performed, the ISP firmware will only accept Intel
Hex-type records. Intel Hex records consist of ASCII characters used to represent hexa-
decimal values and are summarized below:
:NNAAAARRDD. DDCC
T89C51RB2/RC2 will accept up to 16 (10h) data bytes. The “AAAA” string represents
the address of the first byte in the record. If there are zero bytes in the record, this field
is often set to ‘‘0000’’. The “RR” string indicates the record type. A record type of “00” is
a data record. A record type of “01” indicates the end-of-file mark. In this application,
additional record types will be added to indicate either commands or data for the ISP
facility. The “DD” string represents the data bytes. The maximum number of data bytes
in a record is limited to 16 (decimal). The “CC” string represents the checksum byte. ISP
commands are summarized in Table 75.
As a record is received by the T89C51RB2/RC2, the information in the record is stored
internally and a checksum calculation is performed and compared to ‘‘CC’’.
The operation indicated by the record type is not performed until the entire record has
been received. Should an error occur in the checksum, the T89C51RB2/RC2 will send
an “X” out the serial port indicating a checksum error. If the checksum calculation is
found to match the checksum in the record, then the command will be executed. In most
cases, successful reception of the record will be indicated by transmitting a “. ” character
out the serial port (displaying the contents of the internal program memory is an excep-
tion). In the case of a Data Record (record type ‘‘00’’), an additional check is made. A “.
” character will NOT be sent unless the record checksum matched the calculated check-
sum and all of the bytes in the record were successfully programmed. For a data record,
an “X” indicates that the checksum failed to match, and an “R” character indicates that
one of the bytes did not properly program.
FLIP, a software utility to implement ISP programming with a PC, is available from the
Atmel the web site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com