công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC908QT4MPE bảng dữ liệu(PDF) 104 Page - Freescale Semiconductor, Inc

tên linh kiện MC908QT4MPE
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE bảng dữ liệu(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 100Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 101Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 102Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 103Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 104Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 105Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 106Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 107Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 184 page
background image
System Integration Module (SIM)
MC68HC908QY/QT Family Data Sheet, Rev. 5
104
Freescale Semiconductor
Figure 13-1. SIM Block Diagram
13.2 RST and IRQ Pins Initialization
RST and IRQ pins come out of reset as PTA3 and PTA2 respectively. RST and IRQ functions can be
activated by programing CONFIG2 accordingly. Refer to Chapter 5 Configuration Register (CONFIG).
13.3 SIM Bus Clock Control and Generation
The bus clock generator provides system clock signals for the CPU and peripherals on the MCU. The
system clocks are generated from an incoming clock, BUSCLKX2, as shown in Figure 13-2.
STOP/WAIT
CLOCK
CONTROL
CLOCK GENERATORS
POR CONTROL
RESET PIN CONTROL
SIM RESET STATUS REGISTER
INTERRUPT CONTROL
AND PRIORITY DECODE
MODULE STOP
MODULE WAIT
CPU STOP (FROM CPU)
CPU WAIT (FROM CPU)
SIMOSCEN (TO OSCILLATOR)
BUSCLKX2 (FROM OSCILLATOR)
INTERNAL CLOCKS
MASTER
RESET
CONTROL
RESET
PIN LOGIC
ILLEGAL OPCODE (FROM CPU)
ILLEGAL ADDRESS (FROM ADDRESS
MAP DECODERS)
COP TIMEOUT (FROM COP MODULE)
INTERRUPT SOURCES
CPU INTERFACE
RESET
CONTROL
SIM
COUNTER
COP CLOCK
BUSCLKX4 (FROM OSCILLATOR)
÷2
LVI RESET (FROM LVI MODULE)
VDD
INTERNAL
PULL-UP
FORCED MON MODE ENTRY (FROM MENRST MODULE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com