| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC908QT4MPE bảng dữ liệu(PDF) 37 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC908QT4MPE bảng dữ liệu(HTML) 37 Page - Freescale Semiconductor, Inc |
|
37 / 184 page ![]() FLASH Memory (FLASH) MC68HC908QY/QT Family Data Sheet, Rev. 5 Freescale Semiconductor 37 Figure 2-4. FLASH Programming Flowchart SET HVEN BIT WRITE ANY DATA TO ANY FLASH ADDRESS WITHIN THE ROW ADDRESS RANGE DESIRED WAIT FOR A TIME, tNVS SET PGM BIT WAIT FOR A TIME, tPGS WRITE DATA TO THE FLASH ADDRESS TO BE PROGRAMMED WAIT FOR A TIME, tPROG CLEAR PGM BIT WAIT FOR A TIME, tNVH CLEAR HVEN BIT WAIT FOR A TIME, tRCV COMPLETED PROGRAMMING THIS ROW? Y N END OF PROGRAMMING The time between each FLASH address change (step 7 to step 7), must not exceed the maximum programming time, tPROG max. or the time between the last FLASH address programmed to clearing PGM bit (step 7 to step 10) NOTES: 1 3 4 5 6 7 8 10 11 12 13 Algorithm for Programming a Row (32 Bytes) of FLASH Memory This row program algorithm assumes the row/s to be programmed are initially erased. 9 READ THE FLASH BLOCK PROTECT REGISTER 2 |