công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC908QT4MPE bảng dữ liệu(PDF) 25 Page - Freescale Semiconductor, Inc

tên linh kiện MC908QT4MPE
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE bảng dữ liệu(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 21Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 22Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 23Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 24Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 25Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 26Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 27Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 28Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 184 page
background image
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
25
Chapter 2
Memory
2.1 Introduction
The central processor unit (CPU08) can address 64 Kbytes of memory space. The memory map, shown
in Figure 2-1, includes:
•
4096 bytes of user FLASH for MC68HC908QT4 and MC68HC908QY4
•
1536 bytes of user FLASH for MC68HC908QT2, MC68HC908QT1, MC68HC908QY2, and
MC68HC908QY1
•
128 bytes of random access memory (RAM)
•
48 bytes of user-defined vectors, located in FLASH
•
416 bytes of monitor read-only memory (ROM)
•
1536 bytes of FLASH program and erase routines, located in ROM
2.2 Unimplemented Memory Locations
Accessing an unimplemented location can have unpredictable effects on MCU operation. In Figure 2-1
and in register figures in this document, unimplemented locations are shaded.
2.3 Reserved Memory Locations
Accessing a reserved location can have unpredictable effects on MCU operation. In Figure 2-1 and in
register figures in this document, reserved locations are marked with the word Reserved or with the
letter R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com