| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC908QT4MPE bảng dữ liệu(PDF) 19 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC908QT4MPE bảng dữ liệu(HTML) 19 Page - Freescale Semiconductor, Inc |
|
19 / 184 page ![]() MCU Block Diagram MC68HC908QY/QT Family Data Sheet, Rev. 5 Freescale Semiconductor 19 Features of the CPU08 include the following: • Enhanced HC05 programming model • Extensive loop control functions • 16 addressing modes (eight more than the HC05) • 16-bit index register and stack pointer • Memory-to-memory data transfers • Fast 8 × 8 multiply instruction • Fast 16/8 divide instruction • Binary-coded decimal (BCD) instructions • Optimization for controller applications • Efficient C language support 1.3 MCU Block Diagram Figure 1-1 shows the structure of the MC68HC908QY4. 1.4 Pin Assignments The MC68HC908QT4, MC68HC908QT2, and MC68HC908QT1 are available in 8-pin packages and the MC68HC908QY4, MC68HC908QY2, and MC68HC908QY1 in 16-pin packages. Figure 1-2 shows the pin assignment for these packages. |