công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC908QT4MPE bảng dữ liệu(PDF) 51 Page - Freescale Semiconductor, Inc

tên linh kiện MC908QT4MPE
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE bảng dữ liệu(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 47Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 48Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 49Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 50Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 51Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 52Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 53Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 54Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 184 page
background image
Input/Output Registers
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
51
4.6 Input/Output Registers
The AWU shares registers with the keyboard interrupt (KBI) module and the port A I/O module. The
following I/O registers control and monitor operation of the AWU:
•
Port A data register (PTA)
•
Keyboard interrupt status and control register (KBSCR)
•
Keyboard interrupt enable register (KBIER)
4.6.1 Port A I/O Register
The port A data register (PTA) contains a data latch for the state of the AWU interrupt request, in addition
to the data latches for port A.
AWUL — Auto Wakeup Latch
This is a read-only bit which has the value of the auto wakeup interrupt request latch. The wakeup
request signal is generated internally. There is no PTA6 port or any of the associated bits such as
PTA6 data direction or pullup bits.
1 = Auto wakeup interrupt request is pending
0 = Auto wakeup interrupt request is not pending
NOTE
PTA5–PTA0 bits are not used in conjuction with the auto wakeup feature.
To see a description of these bits, see 12.2.1 Port A Data Register.
4.6.2 Keyboard Status and Control Register
The keyboard status and control register (KBSCR):
•
Flags keyboard/auto wakeup interrupt requests
•
Acknowledges keyboard/auto wakeup interrupt requests
•
Masks keyboard/auto wakeup interrupt requests
Address: $0000
Bit 7
654321
Bit 0
Read:
0
AWUL
PTA5
PTA4
PTA3
PTA2
PTA1
PTA0
Write:
Reset:
0
0
Unaffected by reset
= Unimplemented
Figure 4-2. Port A Data Register (PTA)
Address: $001A
Bit 7
654321
Bit 0
Read:
0000
KEYF
0
IMASKK
MODEK
Write:
ACKK
Reset:
00000000
= Unimplemented
Figure 4-3. Keyboard Status and Control Register (KBSCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com