công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI7C8150AND bảng dữ liệu(PDF) 106 Page - Pericom Semiconductor Corporation

tên linh kiện PI7C8150AND
Giải thích chi tiết về linh kiện  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AND bảng dữ liệu(HTML) 106 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AND Datasheet HTML 102Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 103Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 104Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 105Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 106Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 107Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 108Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 109Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 110Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 106 of 111
APRIL 2006 – Revision 1.1
17
ELECTRICAL AND TIMING SPECIFICATIONS
17.1
MAXIMUM RATINGS
(Above which the useful life may be impaired. For user guidelines, not tested).
Storage Temperature
-65
°C to 150°C
Ambient Temperature with Power Applied
0
°C to 85°C
Supply Voltage to Ground Potentials (AVCC and VDD only]
-0.3V to 3.6V
Voltage at Input Pins
-0.5V to 5.5V
Note:
Stresses greater than those listed under MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended
periods of time may affect reliability.
17.2
DC SPECIFICATIONS
Symbol
Parameter
Condition
Min.
Max.
Units
Notes
VDD,
AVCC
Supply Voltage
3
3.6
V
Vih
Input HIGH Voltage
0.5 VDD
VDD + 0.5
V
3, 4
Vil
Input LOW Voltage
-0.5
0.3 VDD
V
3, 4
Vih
CMOS Input HIGH Voltage
0.7 VDD
VDD + 0.5
V
1, 4
Vil
CMOS Input LOW Voltage
-0.5
0.3 VDD
V
1, 4
Vipu
Input Pull-up Voltage
0.7 VDD
V
3
Iil
Input Leakage Current
0 < Vin < VDD
±10
μA
3
Voh
Output HIGH Voltage
Iout = -500μA
0.9VDD
V
3
Vol
Output LOW Voltage
Iout = 1500μA
0.1 VDD
V
3
Voh
CMOS Output HIGH Voltage
Iout = -500μA
VDD – 0.5
V
2
Vol
CMOS Output LOW Voltage
Iout = 1500μA
0.5
V
2
Cin
Input Pin Capacitance
10
pF
3
CCLK
CLK Pin Capacitance
5
12
pF
3
CIDSEL
IDSEL Pin Capacitance
8
pF
3
Lpin
Pin Inductance
20
nH
3
Notes:
1. CMOS Input pins: S_CFN_L, TCK, TMS, TDI, TRST_L, SCAN_EN, SCAN_TM_L
2. CMOS Output pin: TDO
3. PCI pins: P_AD[31:0], P_CBE[3:0], P_PAR, P_FRAME_L, P_IRDY_L, P_TRDY_L,
P_DEVSEL_L, P_STOP_L, P_LOCK_L, PIDSEL_L, P_PERR_L, P_SERR_L,
P_REQ_L, P_GNT_L, P_RESET_L, S_AD[31:0], S_CBE[3:0], S_PAR, S_FRAME_L,
S_IRDY_L, S_TRDY_L, S_DEVSEL_L, S_STOP_L, S_LOCK_L, S_PERR_L,
S_SERR_L, S_REQ[7:0]_L, S_GNT[7:0]_L, S_RESET_L, S_EN, HSLED, HS_SW_L,
HS_EN, ENUM_L.
4. VDD is in reference to the VDD of the input device.
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com