công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI7C8150AND bảng dữ liệu(PDF) 62 Page - Pericom Semiconductor Corporation

tên linh kiện PI7C8150AND
Giải thích chi tiết về linh kiện  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AND bảng dữ liệu(HTML) 62 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AND Datasheet HTML 58Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 59Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 60Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 61Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 62Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 63Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 64Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 65Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 66Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 62 of 111
APRIL 2006 – Revision 1.1
P_SERR_L
Transaction Type
Direction
Bus Where Error
Was Detected
Primary /
Secondary Parity
Error Response
Bits
1
Read
Upstream
Secondary
x / x
1
Posted Write
Downstream
Primary
x / x
0
2 (asserted)
Posted Write
Downstream
Secondary
1 / 1
0
3
Posted Write
Upstream
Primary
1 / 1
1
Posted Write
Upstream
Secondary
x / x
1
Delayed Write
Downstream
Primary
x / x
1
Delayed Write
Downstream
Secondary
x / x
1
Delayed Write
Upstream
Primary
x / x
1
Delayed Write
Upstream
Secondary
x / x
X = don’t care
2
The parity error was detected on the target (secondary) bus but not on the initiator (primary) bus.
3
The parity error was detected on the target (primary) bus but not on the initiator (secondary) bus.
6.4
SYSTEM ERROR (SERR_L) REPORTING
PI7C8150A uses the P_SERR_L signal to report conditionally a number of system error
conditions in addition to the special case parity error conditions described in Section 6.2.3.
Whenever assertion of P_SERR_L is discussed in this document, it is assumed that the
following conditions apply:
For PI7C8150A to assert P_SERR_L for any reason, the SERR_L enable bit must be
set in the command register.
Whenever PI7C8150A asserts P_SERR_L, PI7C8150A must also set the signaled
system error bit in the status register.
In compliance with the PCI-to-PCI Bridge Architecture Specification, PI7C8150A asserts
P_SERR_L when it detects the secondary SERR_L input, S_SERR_L, asserted and the
SERR_L forward enable bit is set in the bridge control register. In addition, PI7C8150A
also sets the received system error bit in the secondary status register.
PI7C8150A also conditionally asserts P_SERR_L for any of the following reasons:
Target abort detected during posted write transaction
Master abort detected during posted write transaction
Posted write data discarded after 2
24 (default) attempts to deliver (224 target retries
received)
Parity error reported on target bus during posted write transaction (see previous
section)
Delayed write data discarded after 2
24 (default) attempts to deliver (224 target retries
received)
Delayed read data cannot be transferred from target after 2
24 (default) attempts (224
target retries received)
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com