| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PI7C8150AND bảng dữ liệu(PDF) 60 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI7C8150AND bảng dữ liệu(HTML) 60 Page - Pericom Semiconductor Corporation |
|
60 / 111 page ![]() PI7C8150A 2-PORT PCI-TO-PCI BRIDGE Page 60 of 111 APRIL 2006 – Revision 1.1 The PI7C8150A must be a master on the secondary bus. The parity error response bit must be set in the bridge control register of secondary interface. The S_PERR_L signal is detected asserted or a parity error is detected on the secondary bus. Table 6-4. Setting Secondary Interface Master Data Parity Error Detected Bit Secondary Detected Parity Detected Bit Transaction Type Direction Bus Where Error Was Detected Primary / Secondary Parity Error Response Bits 0 Read Downstream Primary x / x 1 Read Downstream Secondary x / 1 0 Read Upstream Primary x / x 0 Read Upstream Secondary x / x 0 Posted Write Downstream Primary x / x 1 Posted Write Downstream Secondary x / 1 0 Posted Write Upstream Primary x / x 0 Posted Write Upstream Secondary x / x 0 Delayed Write Downstream Primary x / x 1 Delayed Write Downstream Secondary x / 1 0 Delayed Write Upstream Primary x / x 0 Delayed Write Upstream Secondary x / x X= don’t care Table 6-5 shows assertion of P_PERR_L. This signal is set under the following conditions: PI7C8150A is either the target of a write transaction or the initiator of a read transaction on the primary bus. The parity-error-response bit must be set in the command register of primary interface. PI7C8150A detects a data parity error on the primary bus or detects S_PERR_L asserted during the completion phase of a downstream delayed write transaction on the target (secondary) bus. Table 6-5. Assertion of P_PERR_L P_PERR_L Transaction Type Direction Bus Where Error Was Detected Primary/ Secondary Parity Error Response Bits 1 (de-asserted) Read Downstream Primary x / x 1 Read Downstream Secondary x / x 0 (asserted) Read Upstream Primary 1 / x 1 Read Upstream Secondary x / x 0 Posted Write Downstream Primary 1 / x 1 Posted Write Downstream Secondary x / x 1 Posted Write Upstream Primary x / x 1 Posted Write Upstream Secondary x / x 0 Delayed Write Downstream Primary 1 / x 0 2 Delayed Write Downstream Secondary 1 / 1 1 Delayed Write Upstream Primary x / x 1 Delayed Write Upstream Secondary x / x 06-0057 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |