công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI7C8150AND bảng dữ liệu(PDF) 90 Page - Pericom Semiconductor Corporation

tên linh kiện PI7C8150AND
Giải thích chi tiết về linh kiện  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AND bảng dữ liệu(HTML) 90 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AND Datasheet HTML 86Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 87Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 88Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 89Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 90Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 91Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 92Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 93Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 94Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 90 of 111
APRIL 2006 – Revision 1.1
14.1.35
UPSTREAM (S TO P) MEMORY LIMIT REGISTER – OFFSET 50h
Bit
Function
Type
Description
19:16
64 bit addressing
R/O
0: 32 bit addressing
1: 64 bit addressing
Reset to 1
31:20
Upstream
Memory Limit
Address
R/W
Controls upstream memory limit address.
Reset to 000FFFFFh
14.1.36
UPSTREAM (S TO P) MEMORY BASE UPPER 32-BITS REGISTER
– OFFSET 54h
Bit
Function
Type
Description
31:0
Upstream
Memory Base
Address
R/W
Defines bits [63:32] of the upstream memory base
Reset to 0
14.1.37
UPSTREAM (S TO P) MEMORY LIMIT UPPER 32-BITS
REGISTER – OFFSET 58h
Bit
Function
Type
Description
31:0
Upstream
Memory Limit
Address
R/W
Defines bits [63:32] of the upstream memory limit
Reset to 0
14.1.38
P_SERR_L EVENT DISABLE REGISTER – OFFSET 64h
Bit
Function
Type
Description
0
Reserved
R/O
Reserved. Returns 0 when read. Reset to 0
1
Posted Write
Parity Error
R/W
Controls PI7C8150A’s ability to assert P_SERR_L when it is unable
to transfer any read data from the target after 2
24 attempts.
0: P_SERR_L is asserted if this event occurs and the SERR_L enable
bit in the command register is set.
1: P_SERR_L is not assert if this event occurs.
Reset to 0
2
Posted Write
Non-Delivery
R/W
Controls PI7C8150A’s ability to assert P_SERR_L when it is unable
to transfer delayed write data after 2
24 attempts.
0: P_SERR_L is asserted if this event occurs and the SERR_L enable
bit in the command register is set
1: P_SERR_L is not asserted if this event occurs
Reset to 0
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com