công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NX6008NBKS bảng dữ liệu(PDF) 5 Page - Nexperia B.V. All rights reserved

tên linh kiện NX6008NBKS
Giải thích chi tiết về linh kiện  60 V, dual N-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NX6008NBKS bảng dữ liệu(HTML) 5 Page - Nexperia B.V. All rights reserved

  NX6008NBKS Datasheet HTML 1Page - Nexperia B.V. All rights reserved NX6008NBKS Datasheet HTML 2Page - Nexperia B.V. All rights reserved NX6008NBKS Datasheet HTML 3Page - Nexperia B.V. All rights reserved NX6008NBKS Datasheet HTML 4Page - Nexperia B.V. All rights reserved NX6008NBKS Datasheet HTML 5Page - Nexperia B.V. All rights reserved NX6008NBKS Datasheet HTML 6Page - Nexperia B.V. All rights reserved NX6008NBKS Datasheet HTML 7Page - Nexperia B.V. All rights reserved NX6008NBKS Datasheet HTML 8Page - Nexperia B.V. All rights reserved NX6008NBKS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Nexperia
NX6008NBKS
60 V, dual N-channel Trench MOSFET
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
[1]
-
420
480
K/W
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[2]
-
380
440
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
-
-
95
K/W
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for drain 1 cm2.
017aaa480
10
1
102
103
Zth(j-a)
(K/W)
10-1
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
duty cycle = 1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0
FR4 PCB, standard footprint
Fig. 4. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
017aaa481
10
1
102
103
Zth(j-a)
(K/W)
10-1
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
duty cycle = 1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0
FR4 PCB, mounting pad for drain 1 cm2
Fig. 5. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
NX6008NBKS
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
19 August 2021
5 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com