công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NX6008NBKS bảng dữ liệu(PDF) 3 Page - Nexperia B.V. All rights reserved

tên linh kiện NX6008NBKS
Giải thích chi tiết về linh kiện  60 V, dual N-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NX6008NBKS bảng dữ liệu(HTML) 3 Page - Nexperia B.V. All rights reserved

  NX6008NBKS Datasheet HTML 1Page - Nexperia B.V. All rights reserved NX6008NBKS Datasheet HTML 2Page - Nexperia B.V. All rights reserved NX6008NBKS Datasheet HTML 3Page - Nexperia B.V. All rights reserved NX6008NBKS Datasheet HTML 4Page - Nexperia B.V. All rights reserved NX6008NBKS Datasheet HTML 5Page - Nexperia B.V. All rights reserved NX6008NBKS Datasheet HTML 6Page - Nexperia B.V. All rights reserved NX6008NBKS Datasheet HTML 7Page - Nexperia B.V. All rights reserved NX6008NBKS Datasheet HTML 8Page - Nexperia B.V. All rights reserved NX6008NBKS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Nexperia
NX6008NBKS
60 V, dual N-channel Trench MOSFET
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
60
V
VGS
gate-source voltage
Tj = 25 °C
-8
8
V
VGS = 4.5 V; Tamb = 25 °C
[1]
-
220
mA
ID
drain current
VGS = 4.5 V; Tamb = 100 °C
[1]
-
140
mA
IDM
peak drain current
Tamb = 25 °C; single pulse; tp ≤ 10 µs
-
880
mA
[2]
-
260
mW
Tamb = 25 °C
[1]
-
286
mW
Ptot
total power dissipation
Tsp = 25 °C
-
1.3
W
Tj
junction temperature
-55
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
Source-drain diode
IS
source current
Tamb = 25 °C
[1]
-
220
mA
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for drain 1 cm2.
[2] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
Tamb (°C)
-75
175
125
25
75
-25
aaa-030137
40
80
120
Pder
(%)
0
Fig. 1. Normalized total power dissipation as a
function of ambient temperature
Tamb (°C)
-75
175
125
25
75
-25
aaa-030138
40
80
120
Ider
(%)
0
Fig. 2. Normalized continous drain current as a
function of ambient temperature
NX6008NBKS
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
19 August 2021
3 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com