| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD404828RFS bảng dữ liệu(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404828RFS bảng dữ liệu(HTML) 32 Page - Renesas Technology Corp |
|
32 / 149 page ![]() HD404829R Series 30 Operating Modes The MCU has five operating modes as shown in table 13. The operations in each mode are listed in tables 14 and 15. Transitions between operating modes are shown in figure 14. Active Mode: All MCU functions operate according to the clock generated by the system oscillator OSC1 and OSC2. Table 13 Operating Modes and Clock Status Mode Name Active Standby Stop Watch Subactive*2 Activation method RESET cancellation, interrupt request, STOPC cancellation in stop mode, STOP/SBY instruction in subactive mode (when direct transfer is selected) SBY instruction from active mode STOP instruction when TMA3 = 0 STOP instruction when TMA3 = 1 or SBY instruction from subactive mode (when LSON = 1, or LSON and DTON are both 0) AN interrupt request from timer A or INT 0 in watch mode when LSON = 1 Status System oscillator Operating Operating Stopped Stopped Stopped Subsystem oscillator Operating *1 Operating *1 Operating *1 Operating *1 Operating *1 Cancellation method RESET input, STOP/SBY instruction RESET input, interrupt request RESET input, STOPC input in stop mode RESET input, INT 0 or timer A interrupt request RESET input, STOP/SBY instruction Notes: 1. Operating or stopping the oscillator can be selected by setting bit 3 of the system clock select register (SSR: $029). 2. Subactive mode is an optional function; specify it on the function option list. |