công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD404828RFS bảng dữ liệu(PDF) 44 Page - Renesas Technology Corp

tên linh kiện HD404828RFS
Giải thích chi tiết về linh kiện  AS Microcomputer Incorporating a LCD controller/Driver Circuit
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404828RFS bảng dữ liệu(HTML) 44 Page - Renesas Technology Corp

Back Button HD404828RFS Datasheet HTML 40Page - Renesas Technology Corp HD404828RFS Datasheet HTML 41Page - Renesas Technology Corp HD404828RFS Datasheet HTML 42Page - Renesas Technology Corp HD404828RFS Datasheet HTML 43Page - Renesas Technology Corp HD404828RFS Datasheet HTML 44Page - Renesas Technology Corp HD404828RFS Datasheet HTML 45Page - Renesas Technology Corp HD404828RFS Datasheet HTML 46Page - Renesas Technology Corp HD404828RFS Datasheet HTML 47Page - Renesas Technology Corp HD404828RFS Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 149 page
background image
HD404829R Series
42
Internal Oscillator Circuit
A block diagram of the clock generation circuit is shown in figure 26. As shown in table 16, a ceramic
oscillator can be connected to OSC1 and OSC2, and a 32.768-kHz oscillator can be connected to X1 and
X2. The system oscillator can also be operated by an external clock. Bit 1 (SSR1) of the system clock
select register (SSR: $029) must be set according to the frequency of the oscillator connected to OSC1 and
OSC2 (figure 27).
Note:
If the system clock select register (SSR: $029) setting does not match the oscillator frequency,
DTMF generator and subsystems using the 32.768-kHz oscillation will malfunction.
OSC2
OSC1
X1
X2
System
clock
oscillator
Sub-
system
clock
oscillator
1/4
division
circuit
Timing
generation
circuit
System
clock
selection
circuit
CPU with ROM,
RAM, registers,
flags, and I/O
Internal
peripheral
module
interrupt
(other than timer A)
Time A
interrupt
Clock
Time-base
clock
selection
circuit
1/8 or 1/4
division
circuit
Timing
generation
circuit
Timing
generation
circuit
1/8
division
circuit
fW
fSUB
tsubcyc
LSON
TMA3 bit
fcyc
tcyc
fOSC
fX
tWcyc
øCPU
øPER
øCLK
Note: *
*
1/8 or 1/4 division ratio can be selected by setting bit 2 of the system
clock select register (SSR: $029).
Figure 26 Clock Generation Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com