công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD404828RFS bảng dữ liệu(PDF) 33 Page - Renesas Technology Corp

tên linh kiện HD404828RFS
Giải thích chi tiết về linh kiện  AS Microcomputer Incorporating a LCD controller/Driver Circuit
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404828RFS bảng dữ liệu(HTML) 33 Page - Renesas Technology Corp

Back Button HD404828RFS Datasheet HTML 29Page - Renesas Technology Corp HD404828RFS Datasheet HTML 30Page - Renesas Technology Corp HD404828RFS Datasheet HTML 31Page - Renesas Technology Corp HD404828RFS Datasheet HTML 32Page - Renesas Technology Corp HD404828RFS Datasheet HTML 33Page - Renesas Technology Corp HD404828RFS Datasheet HTML 34Page - Renesas Technology Corp HD404828RFS Datasheet HTML 35Page - Renesas Technology Corp HD404828RFS Datasheet HTML 36Page - Renesas Technology Corp HD404828RFS Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 149 page
background image
HD404829R Series
31
Table 14 Operations in Low-Power Dissipation Modes
Function
Stop Mode
Watch Mode
Standby Mode
Subactive Mode*2
CPU
Reset
Retained
Retained
Operating
RAM
Retained
Retained
Retained
Operating
Timer A
Reset
Operating
Operating
Operating
Timer B
Reset
Stopped
Operating
Operating
Timer C
Reset
Stopped
Operating
Operating
Timer D
Reset
Stopped
Operating
Operating
Serial interface
Reset
Stopped*3
Operating
Operating
A/D
Reset
Stopped
Operating
Stopped
LCD
Reset
Operating *4
Operating
Operating
I/O
Reset*1
Retained
Retained
Operating
Notes: 1.
Output pins are at high impedance.
2.
Subactive mode is an optional function specified on the function option list.
3.
Transmission/Reception is activated if a clock is input in external clock mode. However,
interrupts stop.
4.
When a 32-kHz clock source is used.
Table 15 I/O Status in Low-Power Dissipation Modes
Output
Input
Standby Mode,
Watch Mode
Stop Mode
Active Mode,
Subactive Mode
D0–D9
Retained
High impedance
Input enabled
D10–D11
—
—
Input enabled
R0–R7
Retained or output
of peripheral functions
High impedance
Input enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com