công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD404828RFS bảng dữ liệu(PDF) 20 Page - Renesas Technology Corp

tên linh kiện HD404828RFS
Giải thích chi tiết về linh kiện  AS Microcomputer Incorporating a LCD controller/Driver Circuit
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404828RFS bảng dữ liệu(HTML) 20 Page - Renesas Technology Corp

Back Button HD404828RFS Datasheet HTML 16Page - Renesas Technology Corp HD404828RFS Datasheet HTML 17Page - Renesas Technology Corp HD404828RFS Datasheet HTML 18Page - Renesas Technology Corp HD404828RFS Datasheet HTML 19Page - Renesas Technology Corp HD404828RFS Datasheet HTML 20Page - Renesas Technology Corp HD404828RFS Datasheet HTML 21Page - Renesas Technology Corp HD404828RFS Datasheet HTML 22Page - Renesas Technology Corp HD404828RFS Datasheet HTML 23Page - Renesas Technology Corp HD404828RFS Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 149 page
background image
HD404829R Series
18
SPX Register (SPX) and SPY Register (SPY)
The SPX and SPY registers are 4-bit registers used to supplement the X and Y registers.
Carry Flag (CA)
CA is a 1-bit flag that stores ALU overflow generated by an arithmetic operation. CA is set to 1 when an
overflow is generated, and is cleared to 0 after operations in which no overflow occurred. CA is also
affected by the carry set/carry clear instructions (SEC and REC), and by the rotate with carry instructions
(ROTL and ROTR.)
During interrupt handling, CA is saved on the stack, and is restored from the stack by the RTNI instruction.
Status Flag (ST)
ST is a 1-bit flag that stores the results of arithmetic instructions, compare instructions, and bit test
instructions, and is used as the branch condition for the BR, BRL, CAL, and CALL conditional branch
instructions.
The contents of the ST flag are held until the next arithmetic, compare, bit test, or conditional branch
instruction is executed. After the execution of a conditional branch instruction, the value of ST is set to 1
without regard to the condition.
During interrupt handling, ST is saved on the stack, and is restored from the stack by the RTNI instruction.
Program Counter (PC)
The PC is a 14-bit counter that indicates the ROM address of the next instruction the CPU will execute.
Stack Pointer (SP)
The SP is a 10-bit register that indicates the RAM address of the next stack frame in the stack area.
The SP is initialized to $3FF by a reset. The SP is decremented by 4 by a subroutine call or by interrupt
handling, and is incremented by 4 when the saved data has been restored by a return instruction.
The upper 4 bits of the SP are fixed at 1111; the maximum number of stack levels is thus 16.
In addition to the reset method described above, the SP can also be initialized to $3FF by clearing the reset
stack pointer (RSP) in the interrupt control bits area with a RAM bit manipulation instruction, i.e., REM or
REMD.
Reset
The MCU is reset by inputting a high-level voltage to the RESET pin. At power-on or when stop mode is
cancelled, RESET must be high for at least one tRC to enable the oscillator to stabilize. During operation,
RESET must be high for at least two instruction cycles.
Initial values after MCU reset are listed in table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com