công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD404828RFS bảng dữ liệu(PDF) 72 Page - Renesas Technology Corp

tên linh kiện HD404828RFS
Giải thích chi tiết về linh kiện  AS Microcomputer Incorporating a LCD controller/Driver Circuit
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404828RFS bảng dữ liệu(HTML) 72 Page - Renesas Technology Corp

Back Button HD404828RFS Datasheet HTML 68Page - Renesas Technology Corp HD404828RFS Datasheet HTML 69Page - Renesas Technology Corp HD404828RFS Datasheet HTML 70Page - Renesas Technology Corp HD404828RFS Datasheet HTML 71Page - Renesas Technology Corp HD404828RFS Datasheet HTML 72Page - Renesas Technology Corp HD404828RFS Datasheet HTML 73Page - Renesas Technology Corp HD404828RFS Datasheet HTML 74Page - Renesas Technology Corp HD404828RFS Datasheet HTML 75Page - Renesas Technology Corp HD404828RFS Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 149 page
background image
HD404829R Series
70
Registers for Timer C Operation: By using the following registers, timer C operation modes are selected
and the timer C count is read and written.
Timer mode register C1 (TMC1: $00D)
Timer mode register C2 (TMC2: $014)
Timer write register C (TWCL: $00E, TWCU: $00F)
Timer read register C (TRCL: $00E, TRCU: $00F)
• Timer mode register C1 (TMC1: $00D): Four-bit write-only register that selects the free-running/reload
timer function, input clock source, and the prescaler division ratio as shown in
figure 55. It is reset to $0 by MCU reset.
Writing to this register is valid from the second instruction execution cycle after the execution of the
previous timer mode register C1 write instruction. Setting timer C’s initialization by writing to timer
write register C (TWCL: $00E, TWCU: $00F) must be done after a mode change becomes valid.
Bit
Initial value
Read/Write
Bit name
3
0
W
TMC13
2
0
W
TMC12
0
0
W
TMC10
1
0
W
TMC11
Timer mode register C1 (TMC1: $00D)
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2048tcyc
1024tcyc
512tcyc
128tcyc
32tcyc
8tcyc
4tcyc
2tcyc
TMC12
TMC10
TMC11
TMC13
0
1
Free-running/reload timer selection
Free-running timer
Reload timer
Input clock period
Figure 55 Timer Mode Register C1 (TMC1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com