công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD404828RFS bảng dữ liệu(PDF) 67 Page - Renesas Technology Corp

tên linh kiện HD404828RFS
Giải thích chi tiết về linh kiện  AS Microcomputer Incorporating a LCD controller/Driver Circuit
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404828RFS bảng dữ liệu(HTML) 67 Page - Renesas Technology Corp

Back Button HD404828RFS Datasheet HTML 63Page - Renesas Technology Corp HD404828RFS Datasheet HTML 64Page - Renesas Technology Corp HD404828RFS Datasheet HTML 65Page - Renesas Technology Corp HD404828RFS Datasheet HTML 66Page - Renesas Technology Corp HD404828RFS Datasheet HTML 67Page - Renesas Technology Corp HD404828RFS Datasheet HTML 68Page - Renesas Technology Corp HD404828RFS Datasheet HTML 69Page - Renesas Technology Corp HD404828RFS Datasheet HTML 70Page - Renesas Technology Corp HD404828RFS Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 149 page
background image
HD404829R Series
65
• Timer mode register B2 (TMB2: $013): Two-bit read/write register that selects the timer B output
mode as shown in figure 48. It is reset to $0 by MCU reset.
• Timer write register B (TWBL: $00A, TWBU: $00B): Write-only register consisting of the lower digit
(TWBL) and the upper digit (TWBU) as shown in figures 49 and 50. The lower digit is reset to $0 by
MCU reset, but the upper digit value is invalid.
Timer B is initialized by writing to timer write register B. In this case, the lower digit (TWBL) must be
written to first, but writing only to the lower digit does not change the timer B value. Timer B is
initialized to the value in timer write register B at the same time the upper digit (TWBU) is written to.
When timer write register B is written to again and if the lower digit value needs no change, writing
only to the upper digit initializes timer B.
Bit
Initial value
Read/Write
Bit name
3
0
W
TWBL3
2
0
W
TWBL2
0
0
W
TWBL0
1
0
W
TWBL1
Timer write register B (lower digit) (TWBL: $00A)
Figure 49 Timer Write Register B Lower Digit (TWBL)
Bit
Initial value
Read/Write
Bit name
3
Undefined
W
TWBU3
2
Undefined
W
TWBU2
0
Undefined
W
TWBU0
1
Undefined
W
TWBU1
Timer write register B (upper digit) (TWBU: $00B)
Figure 50 Timer Write Register B Upper Digit (TWBU)
• Timer read register B (TRBL: $00A, TRBU: $00B): Read-only register consisting of the lower digit
(TRBL) and the upper digit (TRBU) that holds the count of the timer B upper digit (figures 51 and 52).
The upper digit (TRBU) must be read first. At this time, the count of the timer B upper digit is
obtained, and the count of the timer B lower digit is latched to the lower digit (TRBL). After this, by
reading TRBL, the count of timer B when TRBU is read can be obtained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com