công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD404828RFS bảng dữ liệu(PDF) 80 Page - Renesas Technology Corp

tên linh kiện HD404828RFS
Giải thích chi tiết về linh kiện  AS Microcomputer Incorporating a LCD controller/Driver Circuit
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404828RFS bảng dữ liệu(HTML) 80 Page - Renesas Technology Corp

Back Button HD404828RFS Datasheet HTML 76Page - Renesas Technology Corp HD404828RFS Datasheet HTML 77Page - Renesas Technology Corp HD404828RFS Datasheet HTML 78Page - Renesas Technology Corp HD404828RFS Datasheet HTML 79Page - Renesas Technology Corp HD404828RFS Datasheet HTML 80Page - Renesas Technology Corp HD404828RFS Datasheet HTML 81Page - Renesas Technology Corp HD404828RFS Datasheet HTML 82Page - Renesas Technology Corp HD404828RFS Datasheet HTML 83Page - Renesas Technology Corp HD404828RFS Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 149 page
background image
HD404829R Series
78
• Timer mode register D2 (TMD2: $015): Four-bit read/write register that selects the timer D output
mode and input capture operation as shown in figure 64. It is reset to $0 by MCU reset.
• Timer write register D (TWDL: $011, TWDU: $012): Write-only register consisting of the lower digit
(TWDL) and the upper digit (TWDU). The operation of timer write register D is basically the same as
that of timer write register B (TWBL: $00A, TWBU: $00B).
• Timer read register D (TRDL: $011, TRDU: $012): Read-only register consisting of the lower digit
(TRDL) and the upper digit (TRDU). The operation of timer read register D is basically the same as
that of timer read register B (TRBL: $00A, TRBU: $00B).
When the input capture timer operation is selected and if the count of timer D is read after a trigger is
input, either the lower or upper digit can be read first.
• Port mode register C (PMRC: $025): Write-only register that selects R2
0/EVND pin function as shown
in figure 53. It is reset to $0 by MCU reset.
• Detection edge select register 2 (ESR2: $027): Write-only register that selects the detection edge of
signals input to pin EVND as shown in figure 69. It is reset to $0 by MCU reset.
Bit
Initial value
Read/Write
Bit name
3
0
R/W
TMD23
2
0
R/W
TMD22
0
0
R/W
TMD20
1
0
R/W
TMD21
Timer mode register D2 (TMD2: $015)
TMD22
TMD20
0
1
0
1
0
1
0
1
TMD21
0
1
0
1
0
1
R12/TOD mode selection
R12
TOD
TOD
TOD
—
TOD
R12
R12 port
Toggle output
0 output
1 output
Not used
PWM output
Input capture (R12 port)
TMD23
0
1
!!
!
! : Don’t care
Figure 64 Timer Mode Register D2 (TMD2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com