công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD404828RFS bảng dữ liệu(PDF) 37 Page - Renesas Technology Corp

tên linh kiện HD404828RFS
Giải thích chi tiết về linh kiện  AS Microcomputer Incorporating a LCD controller/Driver Circuit
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404828RFS bảng dữ liệu(HTML) 37 Page - Renesas Technology Corp

Back Button HD404828RFS Datasheet HTML 33Page - Renesas Technology Corp HD404828RFS Datasheet HTML 34Page - Renesas Technology Corp HD404828RFS Datasheet HTML 35Page - Renesas Technology Corp HD404828RFS Datasheet HTML 36Page - Renesas Technology Corp HD404828RFS Datasheet HTML 37Page - Renesas Technology Corp HD404828RFS Datasheet HTML 38Page - Renesas Technology Corp HD404828RFS Datasheet HTML 39Page - Renesas Technology Corp HD404828RFS Datasheet HTML 40Page - Renesas Technology Corp HD404828RFS Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 149 page
background image
HD404829R Series
35
Subactive Mode: The OSC1 and OSC2 oscillator stops and the MCU operates with a clock generated by
the X1 and X2 oscillator. In this mode, functions except the A/D conversion operate. However, because
the operating clock is slow, the power dissipation becomes low, next to watch mode.
The CPU instruction execution speed can be selected as 244
µs or 122 µs by setting bit 2 (SSR2) of the
system clock select register (SSR: $029). Note that the SSR2 value must be changed in active mode. If the
value is changed in subactive mode, the MCU may malfunction.
When the STOP or SBY instruction is executed in subactive mode, the MCU enters either watch or active
mode, depending on the statuses of the low speed on flag (LSON: $020, bit 0) and the direct transfer on
flag (DTON: $020, bit 3).
Subactive mode is an optional function that the user must specify on the function option list.
Interrupt Frame: In watch and subactive modes,
φ
CLK is applied to timer A and the INT0Icircuit.
Prescaler W and timer A operate as the time-base and generate the timing clock for the interrupt frame.
Three interrupt frame lengths (T) can be selected by setting the miscellaneous register (MIS: $00C) (figure
18).
In watch and subactive modes, the timer-A/
INT0 interrupt is generated synchronously with the interrupt
frame. The interrupt request is generated synchronously with the interrupt strobe timing except during
transition to active mode. The falling edge of the
INT0 signal is input asynchronously with the interrupt
frame timing, but it is regarded as input synchronously with the second interrupt strobe clock after the
falling edge. An overflow and interrupt request in timer A is generated synchronously with the interrupt
strobe timing.
tRC
T
T
X
T
T:
t
:
Interrupt frame length
Oscillation stabilization period
RC
(During the transition
from watch mode to
active mode only)
Interrupt strobe
INT0
Interrupt request
generation
Active mode
Watch mode
Active mode
Oscillation
stabilization period
If the time from the fall of the
INT0 signal until the interrrupt is accepted
and active mode is entered and is designated Tx, then Tx will be in the
following range:
T + tRC ≤ Tx ≤ 2T + tRC
Note:
Figure 17 Interrupt Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com