công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSI721 bảng dữ liệu(PDF) 51 Page - Renesas Technology Corp

tên linh kiện TSI721
Giải thích chi tiết về linh kiện  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 bảng dữ liệu(HTML) 51 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 47Page - Renesas Technology Corp TSI721 Datasheet HTML 48Page - Renesas Technology Corp TSI721 Datasheet HTML 49Page - Renesas Technology Corp TSI721 Datasheet HTML 50Page - Renesas Technology Corp TSI721 Datasheet HTML 51Page - Renesas Technology Corp TSI721 Datasheet HTML 52Page - Renesas Technology Corp TSI721 Datasheet HTML 53Page - Renesas Technology Corp TSI721 Datasheet HTML 54Page - Renesas Technology Corp TSI721 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 67 page
background image
Tsi721 Datasheet
51
April 4, 2016
Integrated Device Technology
1. The transmitter must be able to produce a minimum T_Vdiff greater than or equal to 800mVppd. In applications where the
channel is better than the worst case allowed, a Transmitter device can be provisioned to produce T_Vdiff less than this
minimum value, but greater than or equal to 400mVppd, and is still compliant with this specification.
2. Load Type 0 with min T_Vdiff, AC-Coupling or floating load.
3. For load Type 1: R_Zvtt < 30 Ohm; T_Vtt and R_Vtt = 1.2V +5% / - 8%.
4. DC coupling compliance is optional (Load Type 1). Only Transmitters that support DC coupling are required to meet this
parameter.
For 5 Gbps links, the Transmitters eye mask will also be evaluated during the steady-state where there are no symbol
transitions – for example, a 1 followed by a 1 or a 0 followed by a 0 – and the signal has been de-emphasized. This additional
transmitter eye mask constraint is displayed in the following figure.
Figure 10: Transition and Steady State Symbol Eye Mask
Output common mode voltage
T_Vcm
Load Type
02
Section
8.5.3
100
-
1700
mV
Load Type
13,4
Section
8.5.3
630
-
1100
mV
Table 27: Level II Medium Run Transmitter Output Electrical Specifications (Continued)
Characteristic
Symbol
Reference
Minimum
Typical
Maximum
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com