công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSI721 bảng dữ liệu(PDF) 34 Page - Renesas Technology Corp

tên linh kiện TSI721
Giải thích chi tiết về linh kiện  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 bảng dữ liệu(HTML) 34 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 30Page - Renesas Technology Corp TSI721 Datasheet HTML 31Page - Renesas Technology Corp TSI721 Datasheet HTML 32Page - Renesas Technology Corp TSI721 Datasheet HTML 33Page - Renesas Technology Corp TSI721 Datasheet HTML 34Page - Renesas Technology Corp TSI721 Datasheet HTML 35Page - Renesas Technology Corp TSI721 Datasheet HTML 36Page - Renesas Technology Corp TSI721 Datasheet HTML 37Page - Renesas Technology Corp TSI721 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 67 page
background image
Tsi721 Datasheet
34
April 4, 2016
Integrated Device Technology
7. ZRX-HIGH-IMP-DC-NEG and ZRX-HIGH-IMP-DC-POS are defined respectively for negative and positive voltages at the
input of the Receiver. Transmitter designers need to comprehend the large difference between >0 and <0 Rx impedances
when designing Receiver detect circuits.
8. The LRX-SKEW parameter exists to handle repeaters that regenerate Refclk and introduce differing numbers of skips on
different lanes.
3.7.2
PCIe Differential Transmitter Specifications
Table 19 lists the electrical characteristics for the PCIe differential transmitters in the Tsi721. Parameters are defined
separately for 2.5 Gbps and 5.0 Gbps implementations. Table 19 is duplicated from the PCI Express Base Specification
(Rev. 2.1) Section 4.3.3.5 Table 4-9 on page 252.
Table 19: PCIe Differential Transmitter Specifications
Symbol
Parameter
2.5 Gbps
5.0 Gbps
Unit
Notes
Min.
Max.
Min.
Max.
UI
Unit interval
399.88
400.12
199.94
200.06
ps
The specified UI is equivalent to a
tolerance of +/- 300ppm for each Refclk
source. Period does not account for
SSC induced variations. See Note 1.
VTX-DIFF-PP
Differential p-p Tx voltage
swing
0.8
1.2
0.8
1.2
V
As measured with compliance test load.
Defined as 2*|VTXD+ - VTXD-|
VTX-DIFF-PP-LOW Low power differential p-p
Tx voltage swing
0.4
1.2
0.4
1.2
V
As measured with compliance test load.
Defined as 2*|VTXD+ - VTXD-|. See Note
9.
VTX-DE-RATIO-3.
5DB
Tx de-emphasis level
ratio
3.0
4.0
3.0
4.0
dB
See Section 4.3.3.9 of PCI Express
Base Specification (Rev. 2.1) and Note
11 for information.
VTX-DE-RATIO-6DB Tx de-emphasis level
ratio
N/A
N/A
5.5
6.5
dB
See Section 4.3.3.9 of PCI Express
Base Specification (Rev. 2.1) and Note
11 for information.
TMIN-PULSE
Instantaneous lone pulse
width
Not specified
0.9
-
UI
Measured relative to rising/falling
pulses. See Notes 2,10 and Figure 4-29
of PCI Express Base Specification
(Rev. 2.1)
TTX-EYE
Transmitter eye including
all jitter sources
0.75
-
0.75
-
UI
Does not include SSC or Refclk jitter.
Includes Rj at 10-12. See Notes 2, 3, 4
and 10. Note that 2.5 Gbps and 5.0
Gbps use different jitter determination
methods.
TTX-EYE-MEDIAN
-to-MAX-JITTER
Maximum time between
the jitter median and
maximum deviation from
the median
-
0.125
Not specified
UI
Measured differentially at zero crossing
points after applying the 2.5 Gbps clock
recovery function. See Note 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com