công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSI721 bảng dữ liệu(PDF) 42 Page - Renesas Technology Corp

tên linh kiện TSI721
Giải thích chi tiết về linh kiện  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 bảng dữ liệu(HTML) 42 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 38Page - Renesas Technology Corp TSI721 Datasheet HTML 39Page - Renesas Technology Corp TSI721 Datasheet HTML 40Page - Renesas Technology Corp TSI721 Datasheet HTML 41Page - Renesas Technology Corp TSI721 Datasheet HTML 42Page - Renesas Technology Corp TSI721 Datasheet HTML 43Page - Renesas Technology Corp TSI721 Datasheet HTML 44Page - Renesas Technology Corp TSI721 Datasheet HTML 45Page - Renesas Technology Corp TSI721 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
Tsi721 Datasheet
42
April 4, 2016
Integrated Device Technology
3.7.3.6.2
Level I Short Run Transmitter Specifications
1. For all Load Types: R_Rdin = 100 Ohm +/- 20 Ohm.
2. Load Type 0 with min. T_Vdiff, AC-coupling or floating load.
3. It is suggested that T_SCC22 be -6 dB to be compatible with Level II transmitter requirements.
4. It is suggested that T_Ncm be limited to 5% of T_Vdiff to be compatible with Level II transmitter requirements.
Table 20: Level I Short Run Transmitter AC Timing Specifications
Symbol
Characteristic
Reference
Minimum
Typical
Maximum
Units
T_Baud
Baud rate
Section 9.4.1.2
1.25
-
3.125
Gbps
VO
Absolute output voltage
Section 9.4.1.3
-0.40
-
2.30
Volts
T_Vdiff
Output differential voltage
(into floating load Rload = 100 Ohm)
Section 9.4.1.3
500
-
1000
mVppd
T_Rd
Differential resistance
Section 9.4.1.5
80
100
120
Ohm
T_tr, T_tf
Recommended output rise and fall
times (20% to 80%)
Section 9.4.1.4
60
-
-
ps
T_SDD22
Differential output return loss
(T_baud/10 < f < T_baud/2)
Section 9.4.1.6
-
-
-
dB
Differential output return loss
(T_baud/10 < f < T_baud/2)
--
-
dB
T_TCC22
Common mode return loss
(625 MHz < f < T_baud)
Section 9.4.1.6
-
-
Note 3
dB
T_Ncm
Transmitter common mode noise1
-
-
Note 4
mVppd
T_Vcm
Output common mode voltage
Load Type 02
0-
2.1
V
SMO
Multiple output skew, N < 4
Section 9.4.1.7
-
-
1000
ps
SMO
Multiple output skew, N > 4
Section 9.4.1.7
-
-
2UI + 1000
ps
UI
Unit interval
-
80
-
800
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com