công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPL115A1S bảng dữ liệu(PDF) 14 Page - NXP Semiconductors

tên linh kiện MPL115A1S
Giải thích chi tiết về linh kiện  Miniature SPI digital barometer, 50 kPa to 115 kPa
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPL115A1S bảng dữ liệu(HTML) 14 Page - NXP Semiconductors

Back Button MPL115A1S Datasheet HTML 10Page - NXP Semiconductors MPL115A1S Datasheet HTML 11Page - NXP Semiconductors MPL115A1S Datasheet HTML 12Page - NXP Semiconductors MPL115A1S Datasheet HTML 13Page - NXP Semiconductors MPL115A1S Datasheet HTML 14Page - NXP Semiconductors MPL115A1S Datasheet HTML 15Page - NXP Semiconductors MPL115A1S Datasheet HTML 16Page - NXP Semiconductors MPL115A1S Datasheet HTML 17Page - NXP Semiconductors MPL115A1S Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
NXP Semiconductors
MPL115A1S
Miniature SPI digital barometer, 50 kPa to 115 kPa
10 Mechanical and electrical characteristics
VDD = 2.375 V to 5.5 V, TA = –40 °C to +105 °C, unless otherwise noted. Typical values are at VDD = 3.3 V, TA = +25 °C.
Ref
Parameters
Symbol
Conditions
Min
Typ
Max
Units
1
Operating Supply Voltage
VDD
2.375
3.3
5.5
V
Shutdown (SHDN = GND)
1
μA
Standby
3.5
10
μA
2
Supply Current
IDD
Average – at one measurement per
second
5
μA
Pressure Sensor
3
Range
50
115
kPa
4
Resolution
0.15
kPa
5
Accuracy
–20 ºC to 85 ºC
±1
kPa
6
Conversion Time
(Start Pressure and
Temperature Conversion)
tc
Time between start convert command
and data available in the Pressure and
Temperature registers
1.6
3
ms
7
Wake-up Time
tw
Time between leaving Shutdown
mode (SHDN goes high) and
communicating with the device to
issue a command or read data.
3
5
ms
SPI Inputs: SCLK, CS, DIN
8
SCLK Clock Frequency
fSCLK
[1]
8
MHz
9
Low-level Input Voltage
VIL
0.3VDD
V
10 High-level Input Voltage
VIH
0.7VDD
V
SPI Outputs: DOUT
VOL1
At 3 mA sink current
0
0.4
11 Low-level Output Voltage
VOL2
At 6 mA sink current
0
0.6
12 High-level Output Voltage
VOH1
At 3 mA source current
VDD
– 0.4
V
Table 11. Mechanical and electrical characteristics
[1]
Nominal maximum SPI clock frequency.
MPL115A1S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.2 — 8 May 2023
14 / 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com