công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPL115A1S bảng dữ liệu(PDF) 18 Page - NXP Semiconductors

tên linh kiện MPL115A1S
Giải thích chi tiết về linh kiện  Miniature SPI digital barometer, 50 kPa to 115 kPa
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPL115A1S bảng dữ liệu(HTML) 18 Page - NXP Semiconductors

Back Button MPL115A1S Datasheet HTML 14Page - NXP Semiconductors MPL115A1S Datasheet HTML 15Page - NXP Semiconductors MPL115A1S Datasheet HTML 16Page - NXP Semiconductors MPL115A1S Datasheet HTML 17Page - NXP Semiconductors MPL115A1S Datasheet HTML 18Page - NXP Semiconductors MPL115A1S Datasheet HTML 19Page - NXP Semiconductors MPL115A1S Datasheet HTML 20Page - NXP Semiconductors MPL115A1S Datasheet HTML 21Page - NXP Semiconductors MPL115A1S Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
NXP Semiconductors
MPL115A1S
Miniature SPI digital barometer, 50 kPa to 115 kPa
13 Soldering
1. Use SAC solder alloy, Sn-Ag-Cu, with a melting point of about 217 °C. NXP recommends using SAC305,
Sn-3.0 wt.% Ag-0.5 wt.% Cu.
2. Reflow
• Ramp up rate: 2 °C/s to 3 °C/s.
• Preheat flat (soak): 110 s to 130 s.
• Reflow peak temperature: 250 °C to 260 °C (depends on exact SAC alloy composition).
• Time above 217°C: 40 s to 90 s (depends on board type, thermal mass of the board/quantities in the
reflow).
• Ramp down: 5 °C/s to 6 °C/s.
• Using an inert reflow environment (with O2 level about 5 ppm to 15 ppm).
Note: The stress level and signal offset of the device also depends on the board type, board core material,
board thickness, and metal finishing of the board.
14 Soldering/landing pad information
The LGA package is compliant with the RoHS standard. NXP recommends using a no-clean solder paste to
reduce cleaning exposure to high pressure and chemical agents that can damage or reduce life span of the
Pressure sensing element.
aaa-046324
pin 1 index area
0.55 (8x)
1
8
4
5
0.10 (8x)
0.05 (8x)
BLACK for Package Outline
RED for PCB Landing Pattern
0.8 ± 0.05
(8x)
0.5 ± 0.05
(8x)
1.25 (6x)
(2x)
0.625
1.0
(8x)
Figure 12. Recommended PCB landing pattern
MPL115A1S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.2 — 8 May 2023
18 / 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com