công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPL115A1S bảng dữ liệu(PDF) 23 Page - NXP Semiconductors

tên linh kiện MPL115A1S
Giải thích chi tiết về linh kiện  Miniature SPI digital barometer, 50 kPa to 115 kPa
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPL115A1S bảng dữ liệu(HTML) 23 Page - NXP Semiconductors

Back Button MPL115A1S Datasheet HTML 15Page - NXP Semiconductors MPL115A1S Datasheet HTML 16Page - NXP Semiconductors MPL115A1S Datasheet HTML 17Page - NXP Semiconductors MPL115A1S Datasheet HTML 18Page - NXP Semiconductors MPL115A1S Datasheet HTML 19Page - NXP Semiconductors MPL115A1S Datasheet HTML 20Page - NXP Semiconductors MPL115A1S Datasheet HTML 21Page - NXP Semiconductors MPL115A1S Datasheet HTML 22Page - NXP Semiconductors MPL115A1S Datasheet HTML 23Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
NXP Semiconductors
MPL115A1S
Miniature SPI digital barometer, 50 kPa to 115 kPa
Contents
1
General description ............................................ 1
2
Features ............................................................... 1
3
Applications .........................................................1
4
Ordering information .......................................... 2
4.1
Ordering options ................................................ 2
5
Block diagram ..................................................... 2
6
Pinning information ............................................ 3
6.1
Pinning ...............................................................3
6.2
Pin description ................................................... 3
7
Handling and board mount
Recommendations .............................................. 3
7.1
Methods of handling .......................................... 3
7.2
Board mount recommendations .........................4
8
Functional description ........................................5
8.1
Pressure, temperature, and coefficient bit-
width specifications ............................................7
8.2
Compensation ....................................................7
8.3
Evaluation sequence, arithmetic circuits ............8
8.4
SPI device read/write operations .......................8
8.5
SPI timing .......................................................... 9
8.6
Example of SPI reading of coefficients ............ 10
8.7
Example of pressure compensated
calculation in floating-point notation .................12
9
Maximum ratings ...............................................13
10
Mechanical and electrical characteristics .......14
11
Package outline .................................................15
12
Packing information ..........................................17
13
Soldering ............................................................18
14
Soldering/landing pad information ..................18
15
Revision history ................................................ 19
16
Legal information ..............................................20
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section 'Legal information'.
© 2023 NXP B.V.
All rights reserved.
For more information, please visit: http://www.nxp.com
Date of release: 8 May 2023
Document identifier: MPL115A1S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com