công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPL115A1S bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện MPL115A1S
Giải thích chi tiết về linh kiện  Miniature SPI digital barometer, 50 kPa to 115 kPa
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPL115A1S bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  MPL115A1S Datasheet HTML 1Page - NXP Semiconductors MPL115A1S Datasheet HTML 2Page - NXP Semiconductors MPL115A1S Datasheet HTML 3Page - NXP Semiconductors MPL115A1S Datasheet HTML 4Page - NXP Semiconductors MPL115A1S Datasheet HTML 5Page - NXP Semiconductors MPL115A1S Datasheet HTML 6Page - NXP Semiconductors MPL115A1S Datasheet HTML 7Page - NXP Semiconductors MPL115A1S Datasheet HTML 8Page - NXP Semiconductors MPL115A1S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
NXP Semiconductors
MPL115A1S
Miniature SPI digital barometer, 50 kPa to 115 kPa
8 Functional description
aaa-044102
Reading
coefficient data
Initial
powerup
Data
conversion
Shutdown
Compensated
pressure reading
Figure 3. Sequence flowchart
The MPL115A interfaces to a host (or system) microcontroller in the user’s application. All communications are
via SPI. A typical usage sequence is as follows:
Initial power-up
All circuit elements are active. SPI port pins are high impedance and associated registers are cleared. The
device then enters Standby mode.
Reading coefficient data
The user then typically accesses the part and reads the coefficient data. The main circuits within the client
device are disabled during read activity. The coefficients are usually stored in the host microcontroller local
memory but can be re-read at any time.
Reading of the coefficients may be executed only once and the values stored in the host microcontroller. It is not
necessary to read this multiple times because the coefficients within a device are constant and do not change.
However, note that the coefficients are different from device to device, and cannot be used for another part.
Data conversion
This is the first step that is performed each time a new pressure reading is required which is initiated by the
host sending the CONVERT command. The main system circuits are activated (wake) in response to the
command and after the conversion completes, the result is placed into the Pressure and Temperature ADC
output registers.
The conversion completes within the maximum conversion time, tc (see row 6, in Table 11). The device then
enters Standby mode.
MPL115A1S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.2 — 8 May 2023
5 / 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com