| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZAMC4100GA2R bảng dữ liệu(PDF) 145 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZAMC4100GA2R bảng dữ liệu(HTML) 145 Page - Renesas Technology Corp |
|
145 / 156 page ![]() ZAMC4100 Datasheet © 2016 Integrated Device Technology, Inc. 145 January 26, 2016 5.2.10. Current Multiplexer Test Event There is a failure in the current multiplexer or the current to voltage converter Detection A dedicated diagnostic channel of the current multiplexer with fixed current level is connected to the ADC. The expected result is 10% of the ADC unsigned full-scale range. Details for software implementation: ADC channel selected by ADCCTRL register: IMPSEL[4:0] = 1Fh Expected ADC conversion result: ADCRES[9:0] = 102 ± 10 (unsigned result) Capturing The event is captured in MCU by reading the ADC conversion value Reaction Should be implemented in MCU software depending on the application requirements. |