| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZAMC4100GA2R bảng dữ liệu(PDF) 95 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZAMC4100GA2R bảng dữ liệu(HTML) 95 Page - Renesas Technology Corp |
|
95 / 156 page ![]() ZAMC4100 Datasheet © 2016 Integrated Device Technology, Inc. 95 January 26, 2016 3.13. LIN Physical Layer (LIN PHY) 3.13.1. Overview The block diagram of the LIN PHY layer is as shown in Figure 3.26. It is situated within the SBC chip and is designed to be conformant to the LIN Specification Rev. 2.1. The LIN PHY has following functionality: • LIN bus wake-up detection • LIN TXD dominant time-out detection • LIN short detection • LIN PHY power control Figure 3.26 LIN PHY Block Diagram LIN LIN PHY RXD LIN Short Debounce LINSHIF TX PD LINFAST STBY SLEEP VDDE Pull-up LINWUIF LIN Wake-up Detect RX LINDTOIF TXD VSS Dominant Time- Out Detect LINSHDB 2 ZAMC4100 SBC LINWUMD This module has two registers: • LIN control register LINCTRL (see Table 3.46) • LIN status register LINSTAT (see Table 3.48) |