| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZAMC4100GA2R bảng dữ liệu(PDF) 64 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZAMC4100GA2R bảng dữ liệu(HTML) 64 Page - Renesas Technology Corp |
|
64 / 156 page ![]() ZAMC4100 Datasheet © 2016 Integrated Device Technology, Inc. 64 January 26, 2016 Table 3.19 Half-Bridge Diagnostic Bit Descriptions Note: See important notes at end of table. HBxCSHEN 1) HBxCSLEN 1) HByLEN 1) HBxOSF 1) Description 2) 0 0 “don’t care” 0 Diagnostic disabled. 1 1 0 “don’t care” Undefined result. 1 1 1 0 Not applicable. Low-resistance load connected to VSS 1 0 - 0 Normal load or short to VSS. 0 1 - 0 1 0 - 1 Short to VDDE. 0 1 - 1 1 0 - 1 Open load. 0 1 - 0 1 0 - 0 Invalid. 0 1 - 1 Low-resistance load connected to VDDE 1 0 - 0 Short to VSS. 0 1 - 0 1 0 - 1 Normal load or short to VDDE. 0 1 - 1 1 0 - 1 Open load. 0 1 - 0 1 0 - 0 Impossible. 0 1 - 1 Load connected between two half-bridges 3) 1 0 0 0 Short to VSS. 0 1 0 0 1 0 0 1 Short to VDDE. 0 1 0 1 1 0 0 1 Normal load. 0 1 0 0 1 0 1 0 0 1 1 0 1 0 0 1 Open load. 0 1 0 0 1 0 1 1 |