| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZAMC4100GA2R bảng dữ liệu(PDF) 94 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZAMC4100GA2R bảng dữ liệu(HTML) 94 Page - Renesas Technology Corp |
|
94 / 156 page ![]() ZAMC4100 Datasheet © 2016 Integrated Device Technology, Inc. 94 January 26, 2016 Table 3.45 External ADC Inputs Diagnostic Bits Description AINCSHEN AINCSLEN SPOSF or AINxOSF Description 1) 0 0 x Diagnostic disabled 1 1 x Undefined result 0 1 0 Normal sensor or short to VSSA 1 0 0 0 1 0 Open sensor connection 1 0 1 0 1 1 Short to sensor supply 1 0 1 0 1 1 Not possible in normal application 1 0 0 1) The descriptions given are based on use of the external connections shown on the application diagram (see Figure 6.1). If another configuration of external connections is used, the meaning of the SPOSF and AINxOSF bits will be different. |