| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZAMC4100GA2R bảng dữ liệu(PDF) 127 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZAMC4100GA2R bảng dữ liệu(HTML) 127 Page - Renesas Technology Corp |
|
127 / 156 page ![]() ZAMC4100 Datasheet © 2016 Integrated Device Technology, Inc. 127 January 26, 2016 Table 4.14 Register [0x4000_1414] GPIO_IRQEN GPIO_IRQEN ADD:0x4000_1414 Bit Name Ext. Access Int. Access Reset Value Description 7 : 0 IRQEN R / W R 0 When set to 1, the corresponding interrupt is allowed to drive the interrupt line when the appropriate edge occurs. 15 : 8 --- N/A N/A 0 Reserved. 31 : 16 --- R --- 0 Unused; always read as 0. Table 4.15 Register [0x4000_1418] GPIO_IRQEDGE GPIO_IRQEDGE ADD:0x4000_1418 Bit Name Ext. Access Int. Access Reset Value Description 7 : 0 IRQEDGE R / W R 0 0: rising edge on the corresponding GPIO triggers the IRQ line 1: falling edge on the corresponding GPIO triggers the IRQ line 15 : 8 --- N/A N/A 0 Reserved. 31 : 16 --- R --- 0 Unused; always read as 0. Table 4.16 Register [0x4000_141C] GPIO_TRIGEN GPIO_TRIGEN ADD:0x4000_141C Bit Name Ext. Access Int. Access Reset Value Description 7 : 0 TRIGEN R / W R 0 When set to 1, the corresponding GPIO drives its trigger line. 15 : 8 --- N/A N/A 0 Reserved. 31 : 16 --- R --- 0 Unused; always read as 0. |