| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56321RM/D bảng dữ liệu(PDF) 80 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56321RM/D bảng dữ liệu(HTML) 80 Page - NXP Semiconductors |
|
80 / 88 page ![]() A-10 Power Consumption Benchmark M_FDBA EQU $FFFFB6 ; EFCOP Data Base Address M_FCBA EQU $FFFFB7 ; EFCOP Coefficient Base Address M_FDCH EQU $FFFFB8 ; EFCOP Decimation/Channel Register ;------------------------------------------------------------------------ ; ; EQUATES for Phase Locked Loop (PLL) ; ;------------------------------------------------------------------------ ; Register Addresses Of PLL M_PCTL EQU $FFFFFD ; PLL Control Register ; PLL Control Register M_MF EQU $FFF : Multiplication Factor Bits Mask (MF0-MF11) M_DF EQU $7000 ; Division Factor Bits Mask (DF0-DF2) M_XTLR EQU 15 ; XTAL Range select bit M_XTLD EQU 16 ; XTAL Disable Bit M_PSTP EQU 17 ; STOP Processing State Bit M_PEN EQU 18 ; PLL Enable Bit M_PCOD EQU 19 ; PLL Clock Output Disable Bit M_PD EQU $F00000; PreDivider Factor Bits Mask (PD0-PD3) ;------------------------------------------------------------------------ ; ; EQUATES for BIU ; ;------------------------------------------------------------------------ ; Register Addresses Of BIU M_BCR EQU $FFFFFB; Bus Control Register M_DCR EQU $FFFFFA; DRAM Control Register M_AAR0 EQU $FFFFF9; Address Attribute Register 0 M_AAR1 EQU $FFFFF8; Address Attribute Register 1 M_AAR2 EQU $FFFFF7; Address Attribute Register 2 M_AAR3 EQU $FFFFF6; Address Attribute Register 3 M_IDR EQU $FFFFF5 ; ID Register ; Bus Control Register M_BA0W EQU $1F ; Area 0 Wait Control Mask (BA0W0-BA0W4) M_BA1W EQU $3E0; Area 1 Wait Control Mask (BA1W0-BA14) M_BA2W EQU $1C00; Area 2 Wait Control Mask (BA2W0-BA2W2) M_BA3W EQU $E000; Area 3 Wait Control Mask (BA3W0-BA3W3) M_BDFW EQU $1F0000 ; Default Area Wait Control Mask (BDFW0-BDFW4) M_BBS EQU 21 ; Bus State M_BLH EQU 22 ; Bus Lock Hold M_BRH EQU 23 ; Bus Request Hold ; DRAM Control Register M_BCW EQU $3 ; In Page Wait States Bits Mask (BCW0-BCW1) M_BRW EQU $C ; Out Of Page Wait States Bits Mask (BRW0-BRW1) M_BPS EQU $300 ; DRAM Page Size Bits Mask (BPS0-BPS1) M_BPLE EQU 11 ; Page Logic Enable M_BME EQU 12 ; Mastership Enable M_BRE EQU 13 ; Refresh Enable M_BSTR EQU 14 ; Software Triggered Refresh M_BRF EQU $7F8000; Refresh Rate Bits Mask (BRF0-BRF7) M_BRP EQU 23 ; Refresh prescaler ; Address Attribute Registers M_BAT EQU $3 ; Ext. Access Type and Pin Def. Bits Mask (BAT0-BAT1) M_BAAP EQU 2 ; Address Attribute Pin Polarity M_BPEN EQU 3 ; Program Space Enable M_BXEN EQU 4 ; X Data Space Enable M_BYEN EQU 5 ; Y Data Space Enable M_BAM EQU 6 ; Address Muxing M_BPAC EQU 7 ; Packing Enable M_BNC EQU $F00 ; Number of Address Bits to Compare Mask (BNC0-BNC3) M_BAC EQU $FFF000; Address to Compare Bits Mask (BAC0-BAC11) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |