công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56321RM/D bảng dữ liệu(PDF) 19 Page - NXP Semiconductors

tên linh kiện DSP56321RM/D
Giải thích chi tiết về linh kiện  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM/D bảng dữ liệu(HTML) 19 Page - NXP Semiconductors

Back Button DSP56321RM/D Datasheet HTML 15Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 16Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 17Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 18Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 19Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 20Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 21Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 22Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 88 page
background image
1-13
Enhanced Synchronous Serial Interface 1 (ESSI1)
1.9 Enhanced Synchronous Serial Interface 1 (ESSI1)
SRD0
PC4
Input
Input or Output
Ignored Input
Serial Receive Data—Receives serial data and transfers the data
to the ESSI Receive Shift Register. SRD0 is an input when data is
received.
Port C 4—The default configuration following reset is GPIO input
PC4. When configured as PC4, signal direction is controlled
through the Port C Direction Register. The signal can be
configured as an ESSI signal SRD0 through the Port C Control
Register.
STD0
PC5
Output
Input or Output
Ignored Input
Serial Transmit Data—Transmits data from the Serial Transmit
Shift Register. STD0 is an output when data is transmitted.
Port C 5—The default configuration following reset is GPIO input
PC5. When configured as PC5, signal direction is controlled
through the Port C Direction Register. The signal can be
configured as an ESSI signal STD0 through the Port C Control
Register.
Notes:
1.
In the Stop state, the signal maintains the last state as follows:
• If the last state is input, the signal is an ignored input.
• If the last state is output, these lines maintain the last output state even if the drivers are tri-stated,
because they have internal weak keeper circuits.
2.
The Wait processing state does not affect the signal state.
Table 1-12. Enhanced Serial Synchronous Interface 1
Signal Name
Type
State During
Reset1,2
Signal Description
SC10
PD0
Input or Output
Input or Output
Ignored Input
Serial Control 0—For asynchronous mode, this signal is used for
the receive clock I/O (Schmitt-trigger input). For synchronous
mode, this signal is used either for transmitter 1 output or for serial
I/O flag 0.
Port D 0—The default configuration following reset is GPIO input
PD0. When configured as PD0, signal direction is controlled
through the Port D Direction Register. The signal can be
configured as an ESSI signal SC10 through the Port D Control
Register.
SC11
PD1
Input/Output
Input or Output
Ignored Input
Serial Control 1—For asynchronous mode, this signal is the
receiver frame sync I/O. For synchronous mode, this signal is
used either for Transmitter 2 output or for Serial I/O Flag 1.
Port D 1—The default configuration following reset is GPIO input
PD1. When configured as PD1, signal direction is controlled
through the Port D Direction Register. The signal can be
configured as an ESSI signal SC11 through the Port D Control
Register.
Table 1-11. Enhanced Synchronous Serial Interface 0 (Continued)
Signal Name
Type
State During
Reset1,2
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com