| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56321RM/D bảng dữ liệu(PDF) 71 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56321RM/D bảng dữ liệu(HTML) 71 Page - NXP Semiconductors |
|
71 / 88 page ![]() A-1 Appendix A Power Consumption Benchmark The following benchmark program evaluates DSP56321T power use in a test situation. It enables the PLL, disables the external clock, and uses repeated multiply-accumulate (MAC) instructions with a set of synthetic DSP application data to emulate intensive sustained DSP operation. ;************************************************************************** ;************************************************************************** ;* * ;* CHECKS Typical Power Consumption * ;* * ;************************************************************************** page 200,55,0,0,0 nolist I_VEC EQU $000000; Interrupt vectors for program debug only START EQU $8000; MAIN (external) program starting address INT_PROG EQU $100 ; INTERNAL program memory starting address INT_XDAT EQU $0; INTERNAL X-data memory starting address INT_YDAT EQU $0; INTERNAL Y-data memory starting address INCLUDE "ioequ.asm" INCLUDE "intequ.asm" list org P:START ; movep #$0243FF,x:M_BCR ;; BCR: Area 3 = 2 w.s (SRAM) ; Default: 2w.s (SRAM) ; movep #$0d0000,x:M_PCTL ; XTAL disable ; PLL enable ; CLKOUT disable ; ; Load the program ; move #INT_PROG,r0 move #PROG_START,r1 do #(PROG_END-PROG_START),PLOAD_LOOP move p:(r1)+,x0 move x0,p:(r0)+ nop PLOAD_LOOP ; ; Load the X-data ; move #INT_XDAT,r0 move #XDAT_START,r1 do #(XDAT_END-XDAT_START),XLOAD_LOOP move p:(r1)+,x0 move x0,x:(r0)+ XLOAD_LOOP ; ; Load the Y-data ; move #INT_YDAT,r0 move #YDAT_START,r1 do #(YDAT_END-YDAT_START),YLOAD_LOOP move p:(r1)+,x0 move x0,y:(r0)+ YLOAD_LOOP ; jmp INT_PROG PROG_START move #$0,r0 move #$0,r4 move #$3f,m0 move #$3f,m4 ; clr a Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |