công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56321RM/D bảng dữ liệu(PDF) 62 Page - NXP Semiconductors

tên linh kiện DSP56321RM/D
Giải thích chi tiết về linh kiện  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM/D bảng dữ liệu(HTML) 62 Page - NXP Semiconductors

Back Button DSP56321RM/D Datasheet HTML 58Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 59Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 60Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 61Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 62Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 63Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 64Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 65Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 88 page
background image
3-6
FC-PBGA Package Description
L11
GND
M13
A1
P1
NC
L12
VCCA
M14
A2
P2
H5, HAD5, or PB5
L13
A3
N1
H6, HAD6, or PB6
P3
H3, HAD3, or PB3
L14
A4
N2
H7, HAD7, or PB7
P4
H1, HAD1, or PB1
M1
HA1, HA8, or PB9
N3
H4, HAD4, or PB4
P5
NC
M2
HA2, HA9, or PB10
N4
H2, HAD2, or PB2
P6
GND
M3
HA0, HAS/HAS, or PB8
N5
RESET
P7
AA2
M4
VCCH
N6
GND
P8
XTAL
M5
H0, HAD0, or PB0
N7
AA3
P9
VCCC
M6
VCCQL
N8
NC
P10
TA
M7
VCCQH
N9
VCCQL
P11
BB
M8
EXTAL
N10
Reserved
P12
AA1
M9
Reserved
N11
BR
P13
BG
M10
NC
N12
VCCC
P14
NC
M11
WR
N13
AA0
M12
RD
N14
A0
Note:
Signal names are based on configured functionality. Most connections supply a single signal. Some
connections provide a signal with dual functionality, such as the MODx/IRQx pins that select an operating
mode after RESET is deasserted but act as interrupt lines during operation. Some signals have
configurable polarity; these names are shown with and without overbars, such as HAS/HAS. Some
connections have two or more configurable functions; names assigned to these connections indicate the
function for a specific configuration. For example, connection N2 is data line H7 in non-multiplexed bus
mode, data/address line HAD7 in multiplexed bus mode, or GPIO line PB7 when the GPIO function is
enabled for this pin. Unlike the TQFP package, most of the GND pins are connected internally in the center
of the connection array and act as heat sink for the chip. Therefore, except for GNDP and GNDP1 that
support the PLL, other GND signals do not support individual subsystems in the chip.
Table 3-1. Signal List by Ball Number (Continued)
Ball
No.
Signal Name
Ball
No.
Signal Name
Ball
No.
Signal Name
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com