công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56321RM/D bảng dữ liệu(PDF) 23 Page - NXP Semiconductors

tên linh kiện DSP56321RM/D
Giải thích chi tiết về linh kiện  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM/D bảng dữ liệu(HTML) 23 Page - NXP Semiconductors

Back Button DSP56321RM/D Datasheet HTML 19Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 20Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 21Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 22Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 23Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 24Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 25Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 26Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
1-17
JTAG and OnCE Interface
1.12 JTAG and OnCE Interface
The DSP56300 family and in particular the DSP56321T support circuit-board test strategies based on the
IEEE 1149.1 Standard Test Access Port and Boundary Scan Architecture, the industry standard
developed under the sponsorship of the Test Technology Committee of IEEE and the JTAG.
The OnCE module provides a means to interface nonintrusively with the DSP56300 core and its
peripherals so that you can examine registers, memory, or on-chip peripherals. Functions of the OnCE
module are provided through the JTAG TAP signals.
For programming models, see the chapter on debugging support in the DSP56300 Family Manual.
Table 1-15. JTAG/OnCE Interface
Signal
Name
Type
State
During
Reset
Signal Description
TCK
Input
Input
Test Clock—A test clock input signal to synchronize the JTAG
test logic.
TDI
Input
Input
Test Data Input—A test data serial input signal for test
instructions and data. TDI is sampled on the rising edge of TCK
and has an internal pull-up resistor.
TDO
Output
Tri-stated
Test Data Output—A test data serial output signal for test
instructions and data. TDO is actively driven in the shift-IR and
shift-DR controller states. TDO changes on the falling edge of
TCK.
TMS
Input
Input
Test Mode Select—Sequences the test controller’s state
machine. TMS is sampled on the rising edge of TCK and has an
internal pull-up resistor.
TRST
Input
Input
Test Reset—Initializes the test controller asynchronously. TRST
has an internal pull-up resistor. TRST must be asserted after
powerup.
DE
Input/ Output
(open-drain)
Input
Debug Event—As an input, initiates Debug mode from an
external command controller, and, as an open-drain output,
acknowledges that the chip has entered Debug mode. As an
input, DE causes the DSP56300 core to finish executing the
current instruction, save the instruction pipeline information,
enter Debug mode, and wait for commands to be entered from
the debug serial input line. This signal is asserted as an output
for three clock cycles when the chip enters Debug mode as a
result of a debug request or as a result of meeting a breakpoint
condition. The DE has an internal pull-up resistor.
This signal is not a standard part of the JTAG TAP controller.
The signal connects directly to the OnCE module to initiate
debug mode directly or to provide a direct external indication that
the chip has entered Debug mode. All other interface with the
OnCE module must occur through the JTAG port.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com