công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56321RM/D bảng dữ liệu(PDF) 14 Page - NXP Semiconductors

tên linh kiện DSP56321RM/D
Giải thích chi tiết về linh kiện  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM/D bảng dữ liệu(HTML) 14 Page - NXP Semiconductors

Back Button DSP56321RM/D Datasheet HTML 10Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 11Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 12Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 13Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 14Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 15Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 16Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 17Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 88 page
background image
1-8
Host Interface (HI08)
1.7 Host Interface (HI08)
The HI08 provides a fast, 8-bit, parallel data port that connects directly to the host bus. The HI08 supports
a variety of standard buses and connects directly to a number of industry-standard microcomputers,
microprocessors, DSPs, and DMA hardware.
1.7.4 Host Port Usage Considerations
Careful synchronization is required when the system reads multiple-bit registers that are written by
another asynchronous system. This is a common problem when two asynchronous systems are connected
(as they are in the Host port). The considerations for proper operation are discussed in Table 1-9.
1.7.5 Host Port Configuration
HI08 signal functions vary according to the programmed configuration of the interface as determined by
the 16 bits in the HI08 Port Control Register.
Table 1-9. Host Port Usage Considerations
Action
Description
Asynchronous read of receive
byte registers
When reading the receive byte registers, Receive register High (RXH), Receive
register Middle (RXM), or Receive register Low (RXL), the host interface
programmer should use interrupts or poll the Receive register Data Full (RXDF) flag
that indicates data is available. This assures that the data in the receive byte
registers is valid.
Asynchronous write to transmit
byte registers
The host interface programmer should not write to the transmit byte registers,
Transmit register High (TXH), Transmit register Middle (TXM), or Transmit register
Low (TXL), unless the Transmit register Data Empty (TXDE) bit is set indicating that
the transmit byte registers are empty. This guarantees that the transmit byte
registers transfer valid data to the Host Receive (HRX) register.
Asynchronous write to host
vector
The host interface programmer must change the Host Vector (HV) register only
when the Host Command bit (HC) is clear. This practice guarantees that the DSP
interrupt control logic receives a stable vector.
Table 1-10. Host Interface
Signal Name
Type
State During
Reset1,2
Signal Description
H[0–7]
HAD[0–7]
PB[0–7]
Input/Output
Input/Output
Input or Output
Ignored Input
Host Data—When the HI08 is programmed to interface with a
non-multiplexed host bus and the HI function is selected, these
signals are lines 0–7 of the bidirectional Data bus.
Host Address—When the HI08 is programmed to interface with a
multiplexed host bus and the HI function is selected, these signals
are lines 0–7 of the bidirectional multiplexed Address/Data bus.
Port B 0–7—When the HI08 is configured as GPIO through the
HI08 Port Control Register, these signals are individually
programmed as inputs or outputs through the HI08 Data Direction
Register.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com