công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STWBC2-HP bảng dữ liệu(PDF) 67 Page - STMicroelectronics

tên linh kiện STWBC2-HP
Giải thích chi tiết về linh kiện  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP bảng dữ liệu(HTML) 67 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 63Page - STMicroelectronics STWBC2-HP Datasheet HTML 64Page - STMicroelectronics STWBC2-HP Datasheet HTML 65Page - STMicroelectronics STWBC2-HP Datasheet HTML 66Page - STMicroelectronics STWBC2-HP Datasheet HTML 67Page - STMicroelectronics STWBC2-HP Datasheet HTML 68Page - STMicroelectronics STWBC2-HP Datasheet HTML 69Page - STMicroelectronics STWBC2-HP Datasheet HTML 70Page - STMicroelectronics STWBC2-HP Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 96 page
background image
The addr vector is asynchronously provided to the peripheral bus based on the spi_clk. The peripheral bus read
operation being completely combinational, there is no synchronization between clk and spi_clk domain.
The clk domain receives access request from the spi_clk domain through read and write toggling flags. These
flags are synchronized on clk domain with dual edge. Since a flag is seen toggled, the clk domain generates the
corresponding re or we pulse. The addr and wdata vectors are guaranteed to be static before and during the re or
we pulse generated on clk domain.
Here below is shown the SPI basic timing diagram.
Figure 66. MCU-SPI interface timing diagram overview
The next section details all the supported transaction operations.
2.2.13.3.1
Single byte write access:
The first byte transmitted by the master after NSS goes low corresponds to the access address. The MSB of this
byte is 0, meaning that it is a write access. During the transmission of the first byte, the slave transmits 8bits data
at 0.
The second byte sent by the master is the 8bits data to be written at the requested address. While the data
byte to be written is sent by the master, the slave transmits the value at address+1. This offers the possibility to
combine a write and read on adjacent address.
The write process stops when NSS comes high.
Figure 67. Single byte write access
2.2.13.3.2
Single byte read access:
The first byte transmitted by the master after NSS goes low corresponds to the access address. The MSB of this
byte is 1 meaning that it is a read access. During the transmission of the first byte, the slave transmits 8bits data
at 0.
The second byte sent by the master is not used and must be 0. During the master transmission of second byte,
the slave transmits the value at address.
The read process stops when NSS comes high.
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 67/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com