công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASI4U bảng dữ liệu(PDF) 27 Page - Renesas Technology Corp

tên linh kiện ASI4U
Giải thích chi tiết về linh kiện  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ASI4U bảng dữ liệu(HTML) 27 Page - Renesas Technology Corp

Back Button ASI4U Datasheet HTML 23Page - Renesas Technology Corp ASI4U Datasheet HTML 24Page - Renesas Technology Corp ASI4U Datasheet HTML 25Page - Renesas Technology Corp ASI4U Datasheet HTML 26Page - Renesas Technology Corp ASI4U Datasheet HTML 27Page - Renesas Technology Corp ASI4U Datasheet HTML 28Page - Renesas Technology Corp ASI4U Datasheet HTML 29Page - Renesas Technology Corp ASI4U Datasheet HTML 30Page - Renesas Technology Corp ASI4U Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 71 page
background image
ASI4U / ASI4U-E / ASI4U-F Datasheet
© 2016 Integrated Device Technology, Inc.
27
January 26, 2016
The Addressing Channel generally becomes deactivated by an IC reset.
If the IC is locked to the Addressing Channel and AC Current Input Mode (see descriptions further below) is
active, there are four special IC functions that are implemented to support existing handheld programming
devices (from the company Pepperl+Fuchs):
1.
The IC does not leave the Addressing Channel Mode after the reception of a Reset_Slave or
Broadcast_Reset call if the Data_Exchange_Disable flag is cleared (0). This is always the case if the
ASI4U/ASI4U-E/ASI4U-F has performed data or parameter communication before the reset so that the
handheld has been operating in Data or Parameter Mode.
2.
The IC does not leave the Addressing Channel during an IC reset that was caused by an expired
Communication Watchdog.
See section 4.15 for detailed descriptions of the Communication Monitor and Communication Watchdog.
3.
Software controlled IC resets (resets through Reset_Slave or Broadcast_Reset calls) are performed
slightly differently than resets in normal slave IC operation.
The IC still resets the data and parameter outputs immediately after reception of the calls, and Data
Strobe and Parameter Strobe signals are generated. However, the IC initialization procedure is
postponed for 2.048ms (-6.25%), keeping the IC blocked to any further telegram inputs at the Addressing
Channel or the AS-i line input. This is to avoid an immediate reactivation of the Addressing Channel after
IC initialization since the handheld programming device always sends five subsequent Broadcast_Reset
calls. The ASI4U would otherwise process the first reset call from the handheld correctly but misinterpret
the four remaining calls as a new Magic Sequence.
4.
The UART is constantly set to Synchronous Receive Mode. This is because the signal sequence that is
generated by the handheld programming device exhibits an additional signal transition in a time frame of
3 bit-times after the end of the transmitted master call.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com