công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASI4U bảng dữ liệu(PDF) 33 Page - Renesas Technology Corp

tên linh kiện ASI4U
Giải thích chi tiết về linh kiện  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ASI4U bảng dữ liệu(HTML) 33 Page - Renesas Technology Corp

Back Button ASI4U Datasheet HTML 29Page - Renesas Technology Corp ASI4U Datasheet HTML 30Page - Renesas Technology Corp ASI4U Datasheet HTML 31Page - Renesas Technology Corp ASI4U Datasheet HTML 32Page - Renesas Technology Corp ASI4U Datasheet HTML 33Page - Renesas Technology Corp ASI4U Datasheet HTML 34Page - Renesas Technology Corp ASI4U Datasheet HTML 35Page - Renesas Technology Corp ASI4U Datasheet HTML 36Page - Renesas Technology Corp ASI4U Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 71 page
background image
ASI4U / ASI4U-E / ASI4U-F Datasheet
© 2016 Integrated Device Technology, Inc.
33
January 26, 2016
If the P1_Filter_Activation flag is set in the EEPROM, the activation of the data input filters depends on the value
of the Parameter Port signal P1. The following coding applies:
INPUT VALUE AT P1
DATA INPUT FILTER FUNCTION
LOW level (=0)
Activated
HIGH level (=1)
Deactivated
For further details, refer to section 4.7.
If the Synchronous_Data_I/O_Mode flag is set in the EEPROM, the value of the parameter port P2 activates or
deactivates the Synchronous Data I/O Mode of the ASI4U/ASI4U-E/ASI4U-F. The following coding applies:
INPUT VALUE AT P2
SYNCHRONOUS DATA I/O MODE
LOW level (=0)
Activated
HIGH level (=1)
Deactivated
For further details, refer to section 4.7.
The processed values of P0, P1, and P2 result from a wired-AND combination between the corresponding output
value and the input value driven by an external signal source.
4.6.4.
Master, Repeater, and Monitor Modes
In the Master, Repeater, and Monitor Modes, the Parameter Port is configured differently than in Slave Mode. The
pins serve as output channels for additional support signals or become set to the high impedance state. There is
no input function associated with the Parameter Port pins.
The following support signals are provided at the Parameter Port in the Master, Repeater, and Monitor Modes.
Table 4.10 Parameter Port Output Signals in Master, Repeater, and Monitor Modes
PIN
MASTER MODE
REPEATER MODE
MONITOR MODE
P0
Receive Clock
Hi-Z
Receive Clock
P1
Power Fail
Hi-Z
Power Fail
P2
Receive Strobe – Slave Telegram
Hi-Z
Receive Strobe – Slave Telegram
P3
Hi-Z
Hi-Z
Receive Strobe – Master Telegram
Receive Clock is provided to simplify external processing of Manchester-II-coded output data at the LED1 pin.
The availability of a new AS-i telegram bit at LED1 is signaled by a rising edge of the receive clock so that the
received data can simply be clocked into a shift register. The output signal is active HIGH.
Power Fail signals a breakdown of the AS-i supply voltage. The output signal is active HIGH. For further
information regarding the Power Fail function, refer to section 4.8.
Receive Strobe – Slave Telegram is generated after every correctly received AS-i slave telegram. The output
signal is active HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com