công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASI4U bảng dữ liệu(PDF) 11 Page - Renesas Technology Corp

tên linh kiện ASI4U
Giải thích chi tiết về linh kiện  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ASI4U bảng dữ liệu(HTML) 11 Page - Renesas Technology Corp

Back Button ASI4U Datasheet HTML 7Page - Renesas Technology Corp ASI4U Datasheet HTML 8Page - Renesas Technology Corp ASI4U Datasheet HTML 9Page - Renesas Technology Corp ASI4U Datasheet HTML 10Page - Renesas Technology Corp ASI4U Datasheet HTML 11Page - Renesas Technology Corp ASI4U Datasheet HTML 12Page - Renesas Technology Corp ASI4U Datasheet HTML 13Page - Renesas Technology Corp ASI4U Datasheet HTML 14Page - Renesas Technology Corp ASI4U Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
ASI4U / ASI4U-E / ASI4U-F Datasheet
© 2016 Integrated Device Technology, Inc.
11
January 26, 2016
3
Basic Functional Description
3.1. Functional Block Diagram
Figure 3.1
ASI4U Functional Block Diagram
TRANSMIT
DIGITAL
LOGIC
ASI4U/ASI4U-E/ASI4U-F
AGND
LGND
DI(3:0)
DSR
PST
P(3:0)
UIN
UOUT
U5R
OSC1
CAP
ASIP
ASIN
OVER- HEAT
P - PULSE
N - PULSE
REC- RESET
SEND-D
SEND- SBY
INPUT
STAGE
I/O
STAGE
OUTPUT
STAGE
INPUT
STAGE
CMOS
INPUT
STAGE
AC
CURRENT
INPUT
DATA- STRB
RESET
PARAM
STRB
ELECTRONIC
INDUCTOR
IRD_IN
ANA
DIG
OVER- LOAD
FID
LED2
LED1
IRD
GND
0V
INPUT
STAGE
OUTPUT
STAGE
OSC2
OUTPUT
STAGE
OUTPUT
STAGE
DO(3:0)
RECEIVE
OSCILLATOR
POWER
SUPPLY
THERMAL /
OVERLOAD
PROTECTION
Following device functions are associated with the different blocks of the IC:
RECEIVE
The RECEIVE block converts the analog telegram waveform from the AS-i bus to a digital pulse-
coded signal that can be processed further by a digital UART circuit.
The RECEIVE block is directly connected to the ASIP and ASIN pins, which connect to the AS-i
line. It converts the differential AS-i telegram to a single-ended signal and removes the DC offset
by high-pass filtering. To adapt quickly to changing signal amplitudes in telegrams from different
network users, the amplitude of the first telegram pulse is measured by a 3-bit flash ADC and the
threshold of a positive and a negative comparator is set accordingly to about 50% of the mea-
sured level. The comparators generate the P-pulse and N-pulse signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com