công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASI4U bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp

tên linh kiện ASI4U
Giải thích chi tiết về linh kiện  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ASI4U bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp

Back Button ASI4U Datasheet HTML 6Page - Renesas Technology Corp ASI4U Datasheet HTML 7Page - Renesas Technology Corp ASI4U Datasheet HTML 8Page - Renesas Technology Corp ASI4U Datasheet HTML 9Page - Renesas Technology Corp ASI4U Datasheet HTML 10Page - Renesas Technology Corp ASI4U Datasheet HTML 11Page - Renesas Technology Corp ASI4U Datasheet HTML 12Page - Renesas Technology Corp ASI4U Datasheet HTML 13Page - Renesas Technology Corp ASI4U Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
ASI4U / ASI4U-E / ASI4U-F Datasheet
© 2016 Integrated Device Technology, Inc.
10
January 26, 2016
2.2.
Operating Conditions
Table 2.2
Operating Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX.
UNIT
Positive supply voltage for IC operation
1)
VUIN
DC parameter:
VUINmin = VUOUTmin + VDROPmax
VUINmax = VUOUTmax + VDROPmin
16
33.1
V
Negative supply voltage
V0V, VGND
0
0
V
DC voltage at ASIP
2)
VASIP
Relative to V0V
16
33.1
V
DC voltage at ASIN
2)
VASIN
Relative to V0V
-4
4
V
Operating current
IUIN
VUIN = 30V
fc = 8.000 MHz; no load at any
pin; transmitter turned off; digital
State Machine is in idle state
6
mA
Maximum output sink current at DO0, DO1, DO2,
DO3, and DSR pins
ICL1
10
mA
Maximum output sink current at P0, P1, P2, P3,
and PST pins
ICL2
10
mA
Ambient temperature range, operating range
Ta
ASI4U
-25
85
°C
ASI4U-E
-25
105
°C
ASI4U-F
-40
85
°C
1)
Below VUINmin, the power supply block might not be able to provide the specified output currents at UOUT and U5R.
2)
Outside the maximum and minimum limits, the send current shape and send current amplitude cannot be guaranteed.
Table 2.3
Crystal Frequency
PARAMETER
SYMBOL
CONDITIONS
NOMINAL
UNIT
Crystal frequency
1)
fc
8.000/16.000
MHz
1)
The IC automatically detects whether the crystal frequency is 8.000MHz or 16.000MHz and controls the internal clock circuit
accordingly. The frequency detection is locked as soon as one AS-i telegram has been correctly received at any input channel.
It can be reset by a power-on reset only.
Note: In Slave Mode, the locking occurs if a Master Call has been received. In the Master, Repeater, or Monitor Modes, a Master
Call or a Slave Response that has been received on any input channel triggers the frequency locking.
The ASI4U/ASI4U-E/ASI4U-F supports an integrated clock watchdog. If no crystal or clock oscillation is recog-
nized for 150µs, the IC generates a RESET event until clock oscillation is available. More detailed oscillator pin
definitions can be found in section 4.10.
2.3. Quality Standards
The quality of the ASI4U/ASI4U-E/ASI4U-F is ensured according to the IDT quality standards. Functional device
parameters are valid for device operating conditions specified in section 2.2. Unless otherwise stated, production
device tests are performed at Ta = +25°C within the recommended ranges of (VASIP - VASIN) and (VIN - V0V).
Additional sample base testing is done at +85°C and -25°C (-40°C for the ASI4U-F).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com