công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASI4U bảng dữ liệu(PDF) 15 Page - Renesas Technology Corp

tên linh kiện ASI4U
Giải thích chi tiết về linh kiện  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ASI4U bảng dữ liệu(HTML) 15 Page - Renesas Technology Corp

Back Button ASI4U Datasheet HTML 11Page - Renesas Technology Corp ASI4U Datasheet HTML 12Page - Renesas Technology Corp ASI4U Datasheet HTML 13Page - Renesas Technology Corp ASI4U Datasheet HTML 14Page - Renesas Technology Corp ASI4U Datasheet HTML 15Page - Renesas Technology Corp ASI4U Datasheet HTML 16Page - Renesas Technology Corp ASI4U Datasheet HTML 17Page - Renesas Technology Corp ASI4U Datasheet HTML 18Page - Renesas Technology Corp ASI4U Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 71 page
background image
ASI4U / ASI4U-E / ASI4U-F Datasheet
© 2016 Integrated Device Technology, Inc.
15
January 26, 2016
Figure 3.2
Conventional Application for AS-i IC
with One External Coil
Figure 3.3
Application for AS-i IC with Two
External Coils
3.3.2.
IRD Communication Channel
In addition to the AS-Interface communication channel, the ASI4U can also operate on a second input channel:
the IRD Input Channel or Addressing Channel. In this mode, the IRD pin is the input for an AS-i signal in
Manchester-II-coded format. The signal can be either an AC-current signal generated by a photodiode or a 5V-
CMOS signal. The IC automatically detects the type of the signal and switches the input path accordingly.
The output pin in IRD Communication Mode is LED1. It transmits the slave response as an inverted Manchester-
II-coded AS-i signal. A red LED connected to LED1 can form the response transmitter in an optical
communication system, or LED1 can be directly connected to external circuitry.
Activation of the IRD communication channel is achieved by a transmission referred to as a “Magic Sequence”
that is sent in advance of the desired communication. The construction of a Magic Sequence is described in detail
in section 4.3. The IRD communication mode is deactivated by an IC reset, except in a special case described in
section 4.3.
3.3.3.
Parameter Port Pins
The ASI4U features a 4-bit-wide parameter port and a related parameter strobe signal on the PST pin. There is a
defined phase relation between a parameter output event, the parameter input sampling, and the activation of the
PST signal, so it can be used to trigger external logic or a microcontroller to process the received parameter data
or to provide new input data for the AS-i slave response.
Version 3.0 of the AS-Interface Complete Specification defines a bidirectional mode for parameter data. The
ASI4U/ASI4U-E/ASI4U-F supports this feature, which can be activated by special EEPROM setting.
See section 4.6 for further details.
ASI+
ASI-
Z2
Z1
Load
AS-i
Slave
IC
GND
ASI+
ASI-
Z2
Z1
Load
AS-i
Slave
IC
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com