| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC805K3GRS/D bảng dữ liệu(PDF) 96 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC805K3GRS/D bảng dữ liệu(HTML) 96 Page - NXP Semiconductors |
|
96 / 119 page ![]() General Release Specification Instruction Types MC68HC805K3 — Rev. 1.0 96 Instruction Set 11.4.1 Register/Memory Instructions These instructions operate on CPU registers and memory locations. Most of them use two operands. One operand is in either the accumulator or the index register. The CPU finds the other operand in memory. Table 11-1. Register/Memory Instructions Instruction Mnemonic Add Memory Byte and Carry Bit to Accumulator ADC Add Memory Byte to Accumulator ADD AND Memory Byte with Accumulator AND Bit Test Accumulator BIT Compare Accumulator CMP Compare Index Register with Memory Byte CPX EXCLUSIVE OR Accumulator with Memory Byte EOR Load Accumulator with Memory Byte LDA Load Index Register with Memory Byte LDX Multiply MUL OR Accumulator with Memory Byte ORA Subtract Memory Byte and Carry Bit from Accumulator SBC Store Accumulator in Memory STA Store Index Register in Memory STX Subtract Memory Byte from Accumulator SUB Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |