công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HC805K3GRS/D bảng dữ liệu(PDF) 81 Page - NXP Semiconductors

tên linh kiện HC805K3GRS/D
Giải thích chi tiết về linh kiện  The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805K3GRS/D bảng dữ liệu(HTML) 81 Page - NXP Semiconductors

Back Button HC805K3GRS/D Datasheet HTML 77Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 78Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 79Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 80Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 81Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 82Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 83Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 84Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 119 page
background image
General Release Specification
PEEPROM Registers
MC68HC805K3 — Rev. 1.0
Personality EEPROM
81
9.3 PEEPROM Registers
Two register locations are used to support the EEPROM array. These
are the bit select and status/control registers.
9.3.1 PEEPROM Bit Select Register (PEBSR)
The PEEPROM bit select register is located at $000E and contains the
enable signals for the rows and columns to access the bits in the
EEPROM array. The placement of these bits is shown below. The output
of this register is connected to two decoders, one for the array column
and one for the array row.
A byte in the PEEPROM is defined by the upper four bits in the 7-bit
address in the PEBSR (PEB3 through PEB6) and the bit within that byte
is defined by the lower three bits in the 7-bit address in the PEBSR
(PEB0 through PEB2). The upper bit in the PEBSR (PEB7) may be used
as a storage location. All of the bits in the PEBSR register are cleared by
reset.
Byte (Row) of PEEPROM
Bit (Column in Byte (Row)
of PEEPROM
3210
2
1
0
$0E
Bit 7
6543
2
1
Bit 0
Read:
PEB7
PEB6
PEB5
PEB4
PEB3
PEB2
PEB1
PEB0
Write:
Reset:
00000
0
0
0
Figure 9-2. PEBSR Select Register
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com