công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HC805K3GRS/D bảng dữ liệu(PDF) 95 Page - NXP Semiconductors

tên linh kiện HC805K3GRS/D
Giải thích chi tiết về linh kiện  The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805K3GRS/D bảng dữ liệu(HTML) 95 Page - NXP Semiconductors

Back Button HC805K3GRS/D Datasheet HTML 91Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 92Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 93Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 94Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 95Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 96Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 97Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 98Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 119 page
background image
General Release Specification
Instruction Types
MC68HC805K3 — Rev. 1.0
Instruction Set
95
11.3.8 Relative
Relative addressing is only for branch instructions. If the branch
condition is true, the CPU finds the effective branch destination by
adding the signed byte following the opcode to the contents of the
program counter. If the branch condition is not true, the CPU goes to the
next instruction. The offset is a signed, two’s complement byte that gives
a branching range of –128 to +127 bytes from the address of the next
location after the branch instruction.
When using the Motorola assembler, the programmer does not need to
calculate the offset, because the assembler determines the proper offset
and verifies that it is within the span of the branch.
11.4 Instruction Types
The MCU instructions fall into the following five categories:
•
Register/Memory Instructions
•
Read-Modify-Write Instructions
•
Jump/Branch Instructions
•
Bit Manipulation Instructions
•
Control Instructions
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More